Electronic Components Datasheet Search
  English  ▼

X  

ACM Datasheet(PDF) 3 Page - AUER Signal GmbH

Part # ACM
Description  Multi-tone alarm sounder with LED light indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

ACM Datasheet(HTML) 3 Page - AUER Signal GmbH

  ACM Datasheet HTML 1Page - AUER Signal GmbH ACM Datasheet HTML 2Page - AUER Signal GmbH ACM Datasheet HTML 3Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
286
ACM
Ton e TAble
A-Series
E lEctron i c so u n d E r – b Eacon com b i nati on
ASS-T/ADS-T ASM
ASL
ASX
STAGE 1
S1
Tone type Frequency Hz
Pictogram
Repeat rate
max
dB
max
dB
max
dB
max
dB
STAGE 2
S2
STAGE 3
S3
Tone 01 continuous
660 Hz
Swedish alarm
tone 16 tone 12
Tone 02 continuous
1000 Hz
PFEER toxic gas
tone 16 tone 25
Tone 03 continuous
2400 Hz
tone 21 tone 17
Tone 04 intermittent
420 Hz
0,625 s on / 0,625 s off
Australian alert
AS1670
tone 21 tone 01
Tone 05 intermittent
660 Hz
1,8 s on - 1,8 s off
Swedish alarm
tone 21 tone 01
Tone 06 intermittent
660 Hz
0,15 s on / 0,15 s off
Swedish alarm
tone 16 tone 01
Tone 07 intermittent
970 Hz
1 s on, 1 sec off
PFEER Alarm, BS5839-1:2002
tone 18 tone 01
Tone 08 intermittent 970 Hz (950)
0,5 s on/0,5 s off x 3 then 1 s off
ISO 8201 low tone, US Temporal
tone 16 tone 03
Tone 09 intermittent
800 Hz
0,25 s on / 1 s off
tone 27 tone 03
Tone 10 intermittent
700 Hz
0,15 s on / 0,15 s off, total 1 min.
Swedish alarm SS 031711
tone 18 tone 02
Tone 11 intermittent
720 Hz
0,7 s on / 0,3 s off
Industrial Alarm Germany
tone 02 tone 29
Tone 12 intermittent
2400 Hz
0,5 s on / 0,5 s off
tone 03 tone 01
Tone 13 intermittent
2850 Hz
0,5 s on/0,5 s off x 3 then 1 s off
ISO 8201 hightone, US Temporal
tone 03 tone 17
Tone 14 alternating 440 - 554 Hz
0,4 s (440Hz) / 0,1 s (554Hz)
AFNOR France, NFS 32-001
tone 16 tone 01
Tone 15 alternating 554 - 440 Hz
1 Hz
Swedish alarm
tone 01 tone 16
Tone 16 alternating 800 - 1000 Hz
2 Hz
tone 02 tone 09
Tone 17 alternating 2400 - 2900 Hz
2 Hz
tone 03 tone 01
Tone 18 alternating 1000 - 2000 Hz
1 Hz
Singapore
tone 02 tone 03
Tone 19 sweeping 500 - 1500 Hz
10 Hz
tone 02 tone 01
Tone 20 sweeping 150 - 1000 Hz
rising 10 s, 40 s on, falling 10 s
Industrial Alarm Germany
tone 25 tone 29
Tone 21 continuous
400 Hz
simulated horn
tone 16 tone 02
Tone 22 sweeping 500 - 1200 Hz
rising in 3,75 s/ 0,25 s off
Australien evacuation AS 2220
tone 02 tone 09
Tone 23 sweeping 500 - 1200 Hz
rising in 3,5 s/ 0,5 s off
Netherlands NEN 2575:2000
tone 02 tone 09
Tone 24 sweeping 500 - 1200 Hz
0,5 s on/0,5 s off x 3 / 1,5 s off
Australia AS1670 evacuation
tone 02 tone 09
Tone 25 sweeping 1200 - 500 Hz
1 Hz
evacuation Germany, DIN 33404-3
tone 02 tone 32
Tone 26 sweeping 500 - 1200 Hz
0,3 Hz
tone 01 tone 32
Tone 27 sweeping 1400 - 1600 Hz
rising in 1 s/falling in 0,5 s
NFC 48-265
tone 02 tone 09
Tone 28 sweeping 2400 - 2900 Hz
1 Hz
tone 17 tone 03
Tone 29
bell
tone 16 tone 02
Tone 30 slow rise
500 - 2400 Hz
siren rising in 3 s, then cont. 2400 Hz
tone 16 tone 01
Tone 31 slow rise
300 - 1200 Hz
siren rising in 3 s, then cont. 1200 Hz
tone 16 tone 01
Tone 32
chime
970 - 800 Hz
repeating ding-dong, 1 Hz
tone 29 tone 01
Tone 33 continuous
340 Hz
X
X
tone 16 tone 03
Tone 34 continuous
500 Hz
X
X
tone 16 tone 03
Tone 35 continuous
825 Hz
X
X
tone 16 tone 03
Tone 36 continuous
1500 Hz
X
X
tone 18 tone 02
Tone 37 continuous
2850 Hz
X
X
tone 21 tone 01
Tone 38 intermittent
660 Hz
0,5 s on - 0,5 s off
Swedish alarm
X
X
tone 02 tone 32
Tone 39 intermittent
680 Hz
0,875 s on-0,675 s off
X
X
tone 03 tone 32
Tone 40 intermittent
950 Hz
1 s on, 1 s off
X
X
tone 02 tone 32
Tone 41 intermittent
1000 Hz
1 s on-1 s off
PFEER General
Alarm
X
X
tone 16 tone 03
Tone 42 intermittent
800 Hz
4 ms on, 4 ms off
X
X
tone 58 tone 03
Tone 43 intermittent
825 Hz
0,5 s on, 0,5 s off
X
X
tone 16 tone 03
Tone 44 intermittent
825 Hz
2,5 s on, 2,5 s off x 7, then 7 s pulse
IMO SOLAS III/50+SOLAS III/6,4
X
X
tone 17 tone 02
Tone 45 alternating 440 - 554 Hz
1 Hz
X
X
tone 16 tone 01
Tone 46 alternating 825 - 1075 Hz
1 Hz
X
X
tone 48 tone 02
Tone 47 alternating 825 - 1025 Hz
2 Hz
X
X
tone 48 tone 03
Tone 48 alternating 2500 - 3100 Hz
0,5 Hz
X
X
tone 60 tone 03
Tone 49 alternating 2400 - 2850 Hz
2 Hz
X
X
tone 12 tone 03
Tone 50 alternating 500 - 900 Hz
2 Hz
X
X
tone 41 tone 02
Tone 51 alternating 1200 - 1400 Hz
25 Hz
X
X
tone 41 tone 02
Tone 52 sweeping 300 - 1200 Hz
1 Hz
X
X
tone 03 tone 32
Tone 53 sweeping 500 - 1000 Hz
0,15 Hz
X
X
tone 41 tone 02
Tone 54 sweeping 500 - 1200 Hz
3 Hz
X
X
tone 41 tone 02
Tone 55 sweeping 700 - 1500 Hz
0,3 Hz
X
X
tone 16 tone 02
Tone 56 sweeping 800 - 1000 Hz
7 Hz
X
X
tone 16 tone 02
Tone 57 sweeping 800 - 1000 Hz
50 Hz
X
X
tone 16 tone 02
Tone 58 sweeping 2400 - 2900 Hz
7 Hz
X
X
tone 17 tone 03
Tone 59 sweeping 2400 - 2900 Hz
50 Hz
X
X
tone 17 tone 03
Tone 60 sweeping 2400 - 2900 Hz
3 Hz
X
X
tone 17 tone 03
Tone 61 slow rise
0 - 800 Hz
siren rising in 3 s, then cont. 800 Hz
X
X
tone 16 tone 01
Tone 62 chime
554 - 440 Hz
repeating ding-dong, 1Hz
X
X
tone 29 tone 01
Tone 63 chime
554 - 440 Hz
single ding-dong
X
X
tone 29 tone 01
103
107
97
110
106
111
98
106
103
107
103
107
99
111
101
111
108
112
102
107
102
110
106
111
97
108
103
109
103
109
108
113
106
111
107
110
108
113
108
113
101
106
108
113
108
113
108
113
108
113
108
113
102
110
106
111
102
108
108
113
108
113
114
113
120
109
114
114
113
113
112
112
111
120
111
109
109
113
120
120
119
114
109
117
117
117
117
117
119
120
120
120
117
113
109
109
113
118
111
114
114
114
113
112
113
113
109
114
114
117
120
114
119
117
114
117
119
114
114
120
120
120
114
109
109
114
116
121
126
120
117
117
120
122
124
122
121
116
122
122
125
126
120
124
124
122
123
125
123
90
126
90
126
121
116
116
116
121
125
117
117
117
122
122
124
119
123
126
120
118
118
121
126
127
124
123
115
124
124
124
124
124
124
126
122
127
124
123
ADS-T
3-tone gong
repeating 3-tone gong, 7s
tone 29 tone 01
90
93
660-550-440 Hz
X
X
X
X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com