Electronic Components Datasheet Search
  English  ▼

X  

ACM Datasheet(PDF) 1 Page - AUER Signal GmbH

Part # ACM
Description  Multi-tone alarm sounder with LED light indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

ACM Datasheet(HTML) 1 Page - AUER Signal GmbH

  ACM Datasheet HTML 1Page - AUER Signal GmbH ACM Datasheet HTML 2Page - AUER Signal GmbH ACM Datasheet HTML 3Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
284
• 132 mm cubic-design multi-tone alarm sounder with built-
in LED strobe light indicator
• 2 different strobe patterns, can be switched externally
• For industrial and general applications
• UV-stabilised material
• 32 tones can be selected, 3 tones can be
switched externally
• Max. 113 dB (A) sound pressure, infinitely adjustable
• High degree of protection IP 65 & impact resistance IK09
• Optional mounting type using metal bracket
Housing
132 mm (square), Polycarbonate red
Lens
Polycarbonate, ribbed inside orange, red, clear, blue,
green or yellow
Type of mounting
any, Sound outlet opening at bottom or horizontal
Connection technology Screw/plug-in terminal up to 2,5 mm²
Beacon type
LED strobe beacon
Luminous intensity
4 Cd
Strobe/flash frequency 1 Hz and 1,4 Hz
Tone
32 Tones, 3 Tones can be switched externally, various
(see tone table)
technical data
Volume
113 dB (can be adjusted with potentiometer)
Tone frequency
150-3.100 Hz
Duty cycle
100 %
Service life
Light source: 100.000 h
Operating temperature -30 °C / +60 °C
Degree of protection
IP65
Impact resistance
IK09
Weight
660 g
acm
A-Series
Multi-tone alarm sounder with LED light indicator
e lectron i c So u n d e r – b eacon com b i nati on


Similar Part No. - ACM

ManufacturerPart #DatasheetDescription
logo
Sciosense B.V.
ACM SCIOSENSE-ACM Datasheet
448Kb / 2P
Air classification module for automotive air intake
logo
Abracon Corporation
ACM-0603 ABRACON-ACM-0603 Datasheet
1,005Kb / 3P
Common Mode Choke Coil
10.14.13
ACM-0603-121 ABRACON-ACM-0603-121 Datasheet
1,005Kb / 3P
Common Mode Choke Coil
10.14.13
ACM-0603-181 ABRACON-ACM-0603-181 Datasheet
1,005Kb / 3P
Common Mode Choke Coil
10.14.13
ACM-0603-220 ABRACON-ACM-0603-220 Datasheet
1,005Kb / 3P
Common Mode Choke Coil
10.14.13
More results

Similar Description - ACM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3917A STMICROELECTRONICS-ST3917A Datasheet
181Kb / 16P
SPEECH - TONE/PULSE DIALER - LED INDICATOR
Jul-1996
logo
Chicago Miniature Lamp,...
5101H1 CML-5101H1 Datasheet
21Kb / 1P
Panel Mounted LED Indicator Light
5210F CML-5210F Datasheet
20Kb / 1P
Panel Mounted LED Indicator Light
5994S CML-5994S Datasheet
65Kb / 1P
Panel Mounted LED Indicator Light
logo
Visual Communications C...
5111F VCC-5111F Datasheet
100Kb / 1P
Panel Mounted LED Indicator Light
logo
Cynergy3 Co
SB20 CYNERGY3-SB20 Datasheet
1Mb / 2P
Level controller or power interface module with alarm sounder
logo
List of Unclassifed Man...
540501MED-0842X ETC2-540501MED-0842X Datasheet
189Kb / 1P
fire alarm markets leading conventional sounder
logo
Banner Engineering Corp...
TL70 BANNER-TL70 Datasheet
196Kb / 3P
TL70 Loud Multi-Tone Audible Tower Light Module
logo
Turck, Inc.
TL503AKQ TURCK-TL503AKQ Datasheet
249Kb / 2P
LED Indicator Tower Light
logo
List of Unclassifed Man...
DO-10HBT ETC2-DO-10HBT Datasheet
26Mb / 5P
LED indicator light
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com