Electronic Components Datasheet Search
  English  ▼

X  

RF3330 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3330
Description  IF GAIN CONTROLLED AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3330 Datasheet HTML 1Page - RF Micro Devices RF3330 Datasheet HTML 2Page - RF Micro Devices RF3330 Datasheet HTML 3Page - RF Micro Devices RF3330 Datasheet HTML 4Page - RF Micro Devices RF3330 Datasheet HTML 5Page - RF Micro Devices RF3330 Datasheet HTML 6Page - RF Micro Devices RF3330 Datasheet HTML 7Page - RF Micro Devices RF3330 Datasheet HTML 8Page - RF Micro Devices RF3330 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF3330
Rev A4 DS060908
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
7
V
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-60 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Typical performance is at TA=+25°C, VCC=5V.
DC Specifications
Supply Voltage
4.75
5.0
5.25
V
Supply Current
18
25
mA
AGC Control Voltage
0.5
3.3
V
0.5V=Minimum Gain
3.3V=Maximum Gain
AGC Input Impedance
10
M
Ω
AC Specifications
3dB Bandwidth
150
MHz
Voltage Gain
Maximum
33.0
34.0
dB
VAGC=3.3V
Minimum
8.0
10.0
dB
VAGC=0.5V
Maximum Input Level
50
dBmV(rms)
While meeting distortion specification
Maximum Output Level
50
dBmV(rms)
While meeting distortion specification
Output 1dB Compression
66
dBmV(rms)
Maximum Gain
Output Harmonic Distortion
-44
-40
dBc
Output level=50dBmV(rms); VAGC=3.3V
Input IP3, Maximum Gain
45
dBmV(rms)
Output level=50dBmV(rms); VAGC=3.3V
Input IP3, Minimum Gain
60
dBmV(rms)
Output level=50dBmV(rms); VAGC=0.5V
Input Noise, Maximum Gain
4.5
nV/rtHz
Input Noise, Minimum Gain
42
nV/rtHz
Output Impedance
10
Ω
Differential
Input Impedance
2000
Ω
Differential
Output Load Impedance
1
k
Ω
Differential
Output Load Capacitance
2
pF
Differential
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com