Electronic Components Datasheet Search
  English  ▼

X  

RF3330 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3330
Description  IF GAIN CONTROLLED AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3330 Datasheet HTML 2Page - RF Micro Devices RF3330 Datasheet HTML 3Page - RF Micro Devices RF3330 Datasheet HTML 4Page - RF Micro Devices RF3330 Datasheet HTML 5Page - RF Micro Devices RF3330 Datasheet HTML 6Page - RF Micro Devices RF3330 Datasheet HTML 7Page - RF Micro Devices RF3330 Datasheet HTML 8Page - RF Micro Devices RF3330 Datasheet HTML 9Page - RF Micro Devices RF3330 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
RF3330
Rev A4 DS060908
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Test Procedure
Introduction
The RF3330 is an IF amplifier with AGC, designed for use in Cable Television applications. Voltage gain is varied using an ana-
log voltage control signal. The differential input is high impedance (2000
Ω) and the differential output is low impedance
(10
Ω). The 3dB bandwidth is 150MHz and has a maximum voltage gain of 34dB and a minimum voltage gain of 8dB. The
AGC Control Voltage ranges from 0.5V for minimum gain to 3.3V for maximum gain. The device is packaged in the SOT23-8,
which minimizes board area.
Evaluation Board
The 3330410 board has been designed to achieve maximum versatility for device evaluation. The board is designed for either
a differential or single-ended input signal. Likewise, the output can be either singly or differentially loaded. There is also a sep-
arate VCC and AGC voltage pin. For constant maximum gain applications, the VCC and AGC pins can be tied together.
Input
For differential operation on the input, the J1 connector (VIN unbalanced) is not required. Differential voltages are applied
directly through connectors J2 and J3 (VIN balanced). DC blocking capacitors are also provided to protect equipment or
upstream components. Boards ordered from RF Micro Devices are assembled in this configuration.
Single-ended operation on the input can be accomplished in two ways. The first option uses the differential board setup as
described above, with the addition of an external low frequency 180° power combiner. The combiner splits the single input sig-
nal into two signals with inverted phase. The second option for single-ended operation utilizes a SAW filter which converts from
double to single-ended. The current evaluation board has an option to insert a SAW filter on the input. For this setup, the J1
connector (VIN unbalanced) would be utilized. The 3330410 board has been evaluated using a 44MHz Siemens+Matsushita
filter. This is a common IF frequency used in cable modem applications.
Output
For differential operation on the output, the optional C4, C5, R1, and R5 would be inserted and the T1 transformer would be
removed. The J4 (VOUT unbalanced) and J5 (VOUT balanced) connectors would be uses as differential outputs.
For single-ended operation on the output, only the J4 connector (VOUT unbalanced) is used and only one analyzer is necessary.
There is a 1:1 transformer to convert the unbalanced output to a balanced signal. The amplifier is designed to drive a 1000
Ω
load. Driving a 50
Ω load, presented by the spectrum analyzer will cause the amplifier to saturate. In order to present a 1000Ω
load to the amplifier a resistive matching circuit is on the board. Boards ordered from RF Micro Devices are assembled in this
configuration.
Test Setup Calibration
Because of the fact that the impedances of the amplifier are not 50
Ω, there are some special considerations when calibrating
a test setup.The evaluation test setup is shown in Figure 1.
Input
As stated previously, the balanced input impedance of the RF3330 is 2000
Ω. The signal generator used has an unbalanced
50
Ω source, and is typically used in unbalanced 50Ω impedance systems. Due to this load mismatch, a positive amplitude
Table 1. SAW Filters
EPCOS P/N
FC (MHz)
X6857D
36.000
X6966M
36.125
X6964D
43.750
X6855M
44.000
X6866D
44.000
X6965M
44.000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com