Electronic Components Datasheet Search
  English  ▼

X  

PP001059 Datasheet(PDF) 4 Page - Multicomp Pro

Part # PP001059
Description  H05Z-K / H07Z-K BS EN 50525-3-41 LSZH Wire
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PP001059 Datasheet(HTML) 4 Page - Multicomp Pro

  PP001059 Datasheet HTML 1Page - Multicomp Pro PP001059 Datasheet HTML 2Page - Multicomp Pro PP001059 Datasheet HTML 3Page - Multicomp Pro PP001059 Datasheet HTML 4Page - Multicomp Pro PP001059 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page <4>
V1.0
08/05/20
H05Z-K / H07Z-K
BS EN 50525-3-41 LSZH Wire
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Voltage Drop:
Nominal
Cross
Sectional
Area
Mm²
2 Cables DC
mV/A/m
2 Cables Single-Phase AC
mV/A/m
3 or 4 Cables Three-Phase AC
mV/A/m
Reference
Methods
A And B
(Enclosed in
Conduit or
Trunking)
Reference Methods C, F
and G (Clipped Direct, On
Tray Or In Free Air)
Reference
Methods
A and B
(Enclosed in
Conduit or
Trunking)
Reference Methods C, F and G
(Clipped Direct, On Tray Or In Free Air)
Cable
Touching
Cable
Spaced
Cable
Touching
Trefoil
Cable
Touching
Flat
Cable
Spaced*
Flat
1
46
46
46
46
40
40
40
40
1.5
31
31
31
31
27
27
27
27
2.5
19
19
19
19
16
16
16
16
6
7.9
7.9
7.9
7.9
6.8
6.8
6.8
6.8
10
4.7
4.7
4.7
4.7
4
4
4
4
16
2.9
2.9
2.9
2.9
2.5
2.5
2.5
2.5
Conductor operating temperature : 90ºC
r = Resistive Component
x = Reactive Component
z = Impedance Value
*Spacings larger than one cable diameter will result in a larger voltage drop.
For cables having conductors of 16mm2 or less cross-sectional area their inductances can be ignored and (mV/A/m)r values
only are tabulated. For cables having conductors greater than 16mm2, cross-sectional area the impedance values are given
as (mV/A/m)z, together with the resistive component (mV/A/m)r and the reactive component (mV/A/m)x.
Part Number Table
De-Rating Factors:
Ambient Temperature
25°C 30°C 35°C 40°C 45°C 50°C 55°C 60°C 65°C 70°C 85°C 90°C 95°C
De-Rating Factor
1.02 1.00 0.96 0.91 0.87 0.82 0.76 0.71 0.65 0.58
-
-
-
Description
Harmonised
Type
Nominal Cross
Sectional Area
mm²
Colour
Reel
Length
Part Number
BS EN 50525-3-41 LSZH Wire
H05Z-K
0.5
Black
100m
PP000435
0.75
PP000436
1
PP000432
0.75
Blue
PP000441
1
PP000437
0.75
Brown
PP000445
1
PP000442



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com