Electronic Components Datasheet Search
  English  ▼

X  

PP001059 Datasheet(PDF) 5 Page - Multicomp Pro

Part # PP001059
Description  H05Z-K / H07Z-K BS EN 50525-3-41 LSZH Wire
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PP001059 Datasheet(HTML) 5 Page - Multicomp Pro

  PP001059 Datasheet HTML 1Page - Multicomp Pro PP001059 Datasheet HTML 2Page - Multicomp Pro PP001059 Datasheet HTML 3Page - Multicomp Pro PP001059 Datasheet HTML 4Page - Multicomp Pro PP001059 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page <5>
V1.0
08/05/20
H05Z-K / H07Z-K
BS EN 50525-3-41 LSZH Wire
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Harmonised
Type
Nominal Cross
Sectional Area
mm²
Colour
Reel
Length
Part Number
BS EN 50525-3-41 LSZH Wire
H05Z-K
0.5
Green/Yellow
100m
PP000449
0.75
PP000451
1
PP000446
H07Z-K
1.5
Black
PP000433
2.5
PP000434
10
50m
PP001062
16
PP001063
1.5
Blue
100m
PP000438
2.5
PP000439
6
PP000440
10
50m
PP001054
16
PP001055
1.5
Brown
100m
PP000443
2.5
PP000444
10
50m
PP001058
16
PP001059
1.5
Green/Yellow
100m
PP000447
2.5
PP000448
6
PP000450
10
50m
PP001060
16
PP001061
10
Grey
PP001056
16
PP001057
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com