Electronic Components Datasheet Search
  English  ▼

X  

MLX90255 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90255
Description  Linear Optical Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90255 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90255 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90255 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90255 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90255 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90255 Datasheet HTML 5Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MLX90255
Linear Optical Array
MLX90255 Linear Optical Array
Page 1 of 5
Rev 1.0 31-May-01
Application Note: MLX90255 Demo Board
The demo board described in this document facilitates the evaluation of the MLX90255xx Linear Optical
Arrays. The board provides the necessary timing and clock signals to support both the on-board imaging
device or an externally connected sensor. The designer is then free to investigate the properties and
performance of the device without having to design and construct an external support circuitry. A
regulated DC power supply between 6 and 10V is the only input signal. An oscilloscope is required for
observation and analysis of the output signals.
Features and Benefits
• 128 x 1 Sensor-Element Organization (1 Not Connected, 1 dummy, 128 real, 1 dummy, 1
Dark Pixel)
• 385 DPI sensor pitch
• High Linearity and Uniformity for 256 Gray-Scale
• High Sensitivity: 1.7V @ 10µW/cm 2 @ 0.7ms integration time
• Special Gain Compensation for use with single LED light source
• Output Referenced to Ground
• Single 5V Supply
• Operation to 1MHz
Applications
• position Sensing
• electrical Power Assist Steering (EPAS)
• spectrometer Applications
Functional Diagram
General Description
The MLX90255xx linear sensor array consists of
a 128 x 1 array of photodiodes, associated
charge amplifier circuitry and a pixel data-hold
function that provides simultaneous integration
start and stop times for all pixels. The pixels
measure 200µm (H) by 66 µm (W) and there is 8
µm
spacing
between
pixels.
Operation
is
simplified by internal control logic that requires
only a Serial Input (SI) pulse and a clock signal.
The
sensor
consists
of
128
photodiodes
arranged in a linear array. Light energy falling on
a photodiode generates photocurrent, which is
integrated by the active integration circuitry
associated with that pixel. During the integration
period, a sampling capacitor connects to the
output of the integrator through an analog
switch. The amount of charge accumulated at
each pixel is directly proportional to the light
intensity and the integration time. The output
and reset of the integrators is controlled by a
132-bit shift register and reset logic. An output
cycle is initiated by clocking in a logic 1 on SI.
This causes all 132 sampling capacitors to be
disconnected from their respective integrators
and starts an integrator-reset period.


Similar Part No. - MLX90255

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90255-BA MELEXIS-MLX90255-BA Datasheet
423Kb / 12P
Linear Optical Array
MLX90255-BC MELEXIS-MLX90255-BC Datasheet
394Kb / 12P
Linear Optical Array
logo
List of Unclassifed Man...
MLX90255BA ETC-MLX90255BA Datasheet
544Kb / 10P
Linear Optical Array
logo
Melexis Microelectronic...
MLX90255BC MELEXIS-MLX90255BC Datasheet
652Kb / 13P
Linear Optical Array
logo
List of Unclassifed Man...
MLX90255K ETC-MLX90255K Datasheet
544Kb / 10P
Linear Optical Array
More results

Similar Description - MLX90255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90255BA ETC-MLX90255BA Datasheet
544Kb / 10P
Linear Optical Array
logo
OPTEK Technologies
OPR5011 OPTEK-OPR5011 Datasheet
76Kb / 2P
Optical Comparator Array
OPR5011 OPTEK-OPR5011_07 Datasheet
148Kb / 3P
Optical Comparator Array
OPR5010 OPTEK-OPR5010 Datasheet
425Kb / 2P
Optical Comparator Array
logo
Melexis Microelectronic...
MLX90255-BA MELEXIS-MLX90255-BA Datasheet
423Kb / 12P
Linear Optical Array
MLX90255-BC MELEXIS-MLX90255-BC Datasheet
394Kb / 12P
Linear Optical Array
logo
ams AG
TSL3301 AMSCO-TSL3301 Datasheet
670Kb / 21P
102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
logo
Melexis Microelectronic...
MLX90255BC MELEXIS-MLX90255BC Datasheet
652Kb / 13P
Linear Optical Array
logo
TT Electronics.
OPR5011 TTELEC-OPR5011 Datasheet
775Kb / 3P
Optical Comparator Array
logo
Melexis Microelectronic...
MLX75306 MELEXIS-MLX75306 Datasheet
613Kb / 27P
3rd Generation Linear Optical Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com