Electronic Components Datasheet Search
  English  ▼

X  

AD5626 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5626
Description  5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5626 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5626 Datasheet HTML 8Page - Analog Devices AD5626 Datasheet HTML 9Page - Analog Devices AD5626 Datasheet HTML 10Page - Analog Devices AD5626 Datasheet HTML 11Page - Analog Devices AD5626 Datasheet HTML 12Page - Analog Devices AD5626 Datasheet HTML 13Page - Analog Devices AD5626 Datasheet HTML 14Page - Analog Devices AD5626 Datasheet HTML 15Page - Analog Devices AD5626 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5626
Rev. 0 | Page 12 of 20
APPLICATIONS INFORMATION
POWER SUPPLIES, BYPASSING, AND GROUNDING
All precision converter products require careful application of
good grounding practices to maintain full rated performance.
Because the AD5626 has been designed for 5 V applications, it
is ideal for those applications under microprocessor or micro-
computer control. In these applications, digital noise is prevalent;
therefore, special care must be taken to ensure that its inherent
precision is maintained by exercising particularly good engineering
judgment when addressing the power supply, grounding, and
bypassing issues using the AD5626.
Use a well-filtered and regulated power supply for the AD5626.
The device has been completely characterized for a 5 V supply
with a tolerance of ±5%. Because a 5 V logic supply is almost
universally available, it is not recommended to connect the
DAC directly to an unfiltered logic supply without careful
filtering. Tapping a logic circuit supply for the DAC supply
is unwise because fast logic with nanosecond transition edges
induce high current pulses. The high transient current pulses
can generate glitches hundreds of millivolts in amplitude due
to wiring resistances and inductances. This high frequency
noise corrupts the analog circuits internal to the DAC and
causes errors.
Even though their spike noise is lower in amplitude, directly
tapping the output of a 5 V system supply can cause errors
because these supplies are of the switching regulator type that
can and do generate a great deal of high frequency noise. There-
fore, power the DAC and any associated analog circuitry directly
from the system power supply outputs using appropriate filtering.
Figure 25 illustrates how a clean, analog-grade supply can be
generated from a 5 V logic supply using a differential LC filter
with separate power supply and return lines. With the values
shown, this filter can easily handle 100 mA of load current
without saturating the ferrite cores. Higher current capacity
can be achieved with larger ferrite cores. For lowest noise, all
electrolytic capacitors should be of the low equivalent series
resistance (ESR) type.
FERRITE BEADS:
2 TURNS
+5V
+5V
RETURN
TTL/CMOS
LOGIC
CIRCUITS
5V
POWER SUPPLY
100µF
ELECT.
10-20µF
TANT.
0.1µF
CER.
+
+
Figure 25. Properly Filtering a 5 V Logic Supply Yields a High Quality
Analog Supply
To fit the AD5626 in an 8-lead package, only one ground
connection to the device is accommodated. The ground
connection of the DAC serves as the return path for supply
currents as well as the reference point for the digital input
thresholds. The ground connection also serves as the supply rail
for the internal voltage reference and the output amplifier.
Therefore, to minimize errors, connect the ground connection
of the AD5626 to a high quality analog ground, such as the one
previously described. Generous bypassing of the DACs supply
effectively reduces supply line induced errors. Local supply
bypassing consisting of a 10 μF tantalum electrolytic capacitor
in parallel with a 0.1 μF ceramic capacitor is recommended.
Connect the decoupling capacitors between the DAC supply
pin (Pin 1) and the analog ground (Pin 7).
Figure 26 shows how the ground and bypass connections
should be made to the AD5626.
CS
CLR
SCLK
LDAC
SDIN
2
8
6
5
3
4
VOUT
VOUT
1
7
VDD
5V
GND
AD5626
+
10µF
0.1µF
TO ANALOG GROUND
Figure 26. Recommended Grounding and Bypassing Scheme for the AD5626
UNIPOLAR OUTPUT OPERATION
This is the basic mode of operation for the AD5626. As shown
in Figure 27, the AD5626 is designed to drive loads as low as
2 kΩ in parallel with 500 pF. The code table for this operation is
provided in Table 6.
CS
CLR
SCLK
LDAC
SDIN
2
8
6
5
3
4
VOUT
1
7
VDD
GND
AD5626
10µF
2kΩ
500pF
0.1µF
5V
+
0V ≤ VOUT ≤ 4.095V
Figure 27. Unipolar Output Operation
Table 6. Unipolar Code Table
Hexadecimal Number
in DAC Register
Decimal Number
in DAC Register
Analog Output
Voltage (V)
FFF
4095
4.095
801
2049
2.049
800
2048
2.048
7FF
2047
2.047
000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com