Electronic Components Datasheet Search
  English  ▼

X  

AD5626 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5626
Description  5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5626 Datasheet(HTML) 2 Page - Analog Devices

  AD5626 Datasheet HTML 1Page - Analog Devices AD5626 Datasheet HTML 2Page - Analog Devices AD5626 Datasheet HTML 3Page - Analog Devices AD5626 Datasheet HTML 4Page - Analog Devices AD5626 Datasheet HTML 5Page - Analog Devices AD5626 Datasheet HTML 6Page - Analog Devices AD5626 Datasheet HTML 7Page - Analog Devices AD5626 Datasheet HTML 8Page - Analog Devices AD5626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5626
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics............................................................. 3
 
Timing Characteristics ................................................................ 4
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configurations and Function Descriptions ........................... 6
 
Typical Performance Characteristics ............................................. 7
 
Theory of Operation ...................................................................... 10
 
DAC Section................................................................................ 10
 
Amplifier Section........................................................................ 10
 
Output Section............................................................................ 10
 
Power Supply............................................................................... 10
 
Timing and Control ................................................................... 11
 
Applications
Information.............................................................. 12 
Power Supplies, Bypassing, and Grounding ........................... 12
 
Unipolar Output Operation...................................................... 12
 
Operating the AD5626 on 12 V or 15 V Supplies Only........ 13
 
Measuring Offset Error ............................................................. 13
 
Bipolar Output Operation......................................................... 13
 
Generating a Negative Supply Voltage .................................... 15
 
A Single-Supply, Programmable Current Source...
................ 15 
Galvanically-Isolated Interface................................................. 15
 
Microprocessor Interfacing....................................................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 17
 
REVISION HISTORY
1
2/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com