Electronic Components Datasheet Search
  English  ▼

X  

TMP432 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP432
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP432 Datasheet(HTML) 2 Page - Texas Instruments

  TMP432 Datasheet HTML 1Page - Texas Instruments TMP432 Datasheet HTML 2Page - Texas Instruments TMP432 Datasheet HTML 3Page - Texas Instruments TMP432 Datasheet HTML 4Page - Texas Instruments TMP432 Datasheet HTML 5Page - Texas Instruments TMP432 Datasheet HTML 6Page - Texas Instruments TMP432 Datasheet HTML 7Page - Texas Instruments TMP432 Datasheet HTML 8Page - Texas Instruments TMP432 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison......................................................... 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 I2C Interface Timing.................................................... 8
6.7 Timing Diagrams ........................................................8
6.8 Typical Characteristics................................................ 9
7 Detailed Description...................................................... 11
7.1 Overview................................................................... 11
7.2 Functional Block Diagram......................................... 11
7.3 Feature Description...................................................12
7.4 Device Functional Modes..........................................14
7.5 Programming............................................................ 19
8 Register Map.................................................................. 25
9 Application and Implementation.................................. 48
9.1 Application Information............................................. 48
9.2 Typical Application.................................................... 48
9.3 Power Supply Recommendations.............................50
9.4 Layout....................................................................... 50
10 Device and Documentation Support..........................52
10.1 Documentation Support.......................................... 52
10.2 Receiving Notification of Documentation Updates..52
10.3 Support Resources................................................. 52
10.4 Trademarks.............................................................52
10.5 Electrostatic Discharge Caution..............................52
10.6 Glossary..................................................................52
11 Revision History.......................................................... 52
12 Mechanical, Packaging, and Orderable
Information.................................................................... 52
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com