Electronic Components Datasheet Search
  English  ▼

X  

TMP432 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP432
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP432 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP432 Datasheet HTML 8Page - Texas Instruments TMP432 Datasheet HTML 9Page - Texas Instruments TMP432 Datasheet HTML 10Page - Texas Instruments TMP432 Datasheet HTML 11Page - Texas Instruments TMP432 Datasheet HTML 12Page - Texas Instruments TMP432 Datasheet HTML 13Page - Texas Instruments TMP432 Datasheet HTML 14Page - Texas Instruments TMP432 Datasheet HTML 15Page - Texas Instruments TMP432 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
7.3 Feature Description
7.3.1 Device Initialization and Default Temperature Conversion
When VDD goes above VPOR (power-on reset threshold), the device initiates the power-on reset (POR) sequence
and starts loading default configuration settings into the device. After the device initialization is complete, the
device starts default local (1 channel) and remote (2 channels) temperature conversion. The converted result
and corresponding output (ALERT or T_CRIT) are asserted if the corresponding limit is crossed.
The device initialization and default conversion take approximately 67ms. During device initialization, the supply
voltage VDD is held stable and above VPOR (falling) to avoid any device misbehavior. Figure 7-2 depicts the
details timing sequence for the device initialization and default temperature conversion.
Device
Ini aliza on
1
Local
Temperature
Conversion
Remote
Temperature
Conversion
2
3
4
0
15ms
33.2ms
67ms
1
VDD > VPOR. Device initialization started.
2
Device initialization completed.
3
4
Local temperature conversion completed and result available in registers. ALERT and T_CRIT output
asserted if limit crossed.
Remote temperature conversion completed and result available in registers. ALERT and T_CRIT
output asserted if limit crossed.
Figure 7-2. Device Initialization and Default Temperature Conversion Timing
7.3.2 Series Resistance Cancellation
Series resistance cancellation automatically eliminates the temperature error caused by the resistance of the
routing to the remote transistor or by the resistors of the optional external low-pass filter. A total of up to 1kΩ of
series resistance can be canceled by the device, thus eliminating the need for additional characterization and
temperature offset correction.
7.3.3 ALERT and T_CRIT Output
The TMP4719 ALERT and T_CRIT pins are active-low open-drain outputs. The ALERT pin is asserted at the
end of a conversion cycle when the measured temperature exceeds a High Alert Limit or goes below a Low Alert
Limit. The T_CRIT pin is asserted at the end of a conversion cycle when the measured temperature exceeds
the T_CRIT limit defined in the limit register. The ALERT and T_CRIT pins can be used to notify the system
of overtemperature or undertemperature conditions and protect from thermally induced system damage. Note
that the ALERT and T_CRIT outputs are activated only when the corresponding bits are not masked in the
Alert_Mask register.
7.3.4 1.2V Logic Compatible Inputs
The device includes static input thresholds independent of supply to maintain compatibility with a 1.2V logic I2C
or SMBus. This removes the need for a translator when operating with a bus voltage different from the supply
voltage of the device.
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com