Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 3 Page - Texas Instruments

  TMP512 Datasheet HTML 1Page - Texas Instruments TMP512 Datasheet HTML 2Page - Texas Instruments TMP512 Datasheet HTML 3Page - Texas Instruments TMP512 Datasheet HTML 4Page - Texas Instruments TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
4 Device Comparison
Table 4-1. Device Comparison
Feature
TMP4719
TMP422
TMP432
TMP442
TMP512
VDD (V)
1.62
to 5.5
2.7 to 5.5
2.7 to 5.5
2.7 to 5.5
3 to 26
Local Temperature Accuracy (°C)
-40°C (max)
±1.0
±2.5
±2.5
±2.5
±2.5
0°C (max)
±1.0
±2.5
±1.0 (1) , ±2.5
±1.0 (1) , ±2.5
±2.5
15°C (max)
±1.0
±1.5 (1) , ±2.5
±1.0 (1) , ±2.5
±1.0 (1) , ±2.5
±1.0 (2) , ±2.5
85°C (max)
±1.0
±1.5 (1) , ±2.5
±1.0 (1) , ±2.5
±1.0 (1) , ±2.5
±1.0 (2) , ±2.5
100°C (max)
±1.0
±2.5
±1.0 (1) , ±2.5
±1.0 (1) , ±2.5
±2.5
125°C (max)
±1.0
±2.5
±2.5
±2.5
±2.5
Remote Temperature Accuracy (°C)
-40°C (max)
±1.0 (3) , ±1.5 (4)
±3 (1) , ±5
±1.5 (1) , ±5
±1.5 (1) , ±5
±3 (2) , ±5
-10°C (max)
±0.8
±3 (1) , ±5
±1.5 (1) , ±5
±1.5 (1) , ±5
±3 (2) , ±5
0°C (max)
±0.8
±3 (1) , ±5
±1 (1) , ±5
±1 (1) , ±5
±3 (2) , ±5
15°C (max)
±0.8
±1 (1) , ±5
±1 (1) , ±5
±1 (1) , ±5
±1 (2) , ±5
85°C (max)
±0.8
±1 (1) , ±5
±1 (1) , ±5
±1 (1) , ±5
±1 (2) , ±5
100°C (max)
±1.0 (3) , ±1.5 (4)
±3 (1) , ±5
±1 (1) , ±5
±1 (1) , ±5
±3 (2) , ±5
125°C (max)
±1.0 (3) , ±1.5 (4)
±5
±5
±5
±5
Digital Input/Output
Resolution (Bit)
12
12
12
12
13
VIH/VIL
0.9/0.4
2.1/0.8
70%/30%
2.1/0.8
2.1/0.8
70%/30%
2.1/0.8
Current Consumption and Conversion Time (Typ: VDD=3.3V/12V and 25°C)
TConv (ms)
(per remote ch)
17
115
93
93
115
IAVG at 0.0625Hz
(μA)
1.53
32
35
35
-
ISD (μA)
0.5
3
3
3
-
Features:
RS Cancellation, N-Factor Correction, Diode Fault Detection, Digital Filter
I2C Addresses
1 OPN
4 OPNs
2 OPNs
2 OPNs
4 (A0 pin)
Packaging Dimension
Dimensions
[mm × mm × mm]
VSSOP
(10-pin)
4.9 × 3 × 1.1
WSON
(10-pin)
2 × 2 × 0.8
SOT-23
(8-pin)
2.9 × 2.8 × 1.1
VSSOP
(10-pin)
4.9 × 3 × 1.1
SOT-23
(8-pin)
2.9 × 2.8 × 1.1
SOIC
(14-pin)
8.65 × 6 × 1.75
VQFN
(16-pin)
4 × 4× 1
1. Temperature accuracy is specified over VDD= 3.3V.
2. Temperature accuracy is specified over VDD= 12V.
3. Remote temperature accuracy is specified over TA = –10°C to 85°C.
4. Remote temperature accuracy is specified over TA = –40°C to 125°C.
www.ti.com
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com