Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 2Page - Texas Instruments TMP512 Datasheet HTML 3Page - Texas Instruments TMP512 Datasheet HTML 4Page - Texas Instruments TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments TMP512 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6.5 Electrical Characteristics
Over free-air temperature range at TA = –40°C to 125°C and VDD = 1.62V to 5.5V (unless otherwise noted); Typical
specifications are at TA = 25°C and VDD = 3.3V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
TERR_L Local temperature accuracy
TA = –40°C to 125°C
–1
1
°C
TERR_R
Remote temperature accuracy
(Optimized for 2N3904 NPN
Transistor)
TD = –10°C to 85°C, TA = –10°C to 85°C
–0.8
0.8
°C
TD = –55°C to 125°C,
TA = –10°C to 85°C
–1.0
1.0
°C
TA = –40°C to 125°C
–1.5
1.5
°C
PSR
Supply Sensitivity on accuracy
Remote temperature sensor, one-shot mode, VDD
= 1.62V to 5.5V
0.05
°C/V
TRES_L
Temperature resolution (local)
Including sign bit
8
Bits
LSB
1
°C
TRES_R
Temperature resolution
(remote)
Including sign bit
12
Bits
LSB
0.0625
°C
TREPEAT Repeatability(1)
VDD = 3.3V, 1Hz conversion cycle, no averaging
1.5
LSB
tRT
Response time (Stirred Liquid,
mounted on 2-layer 62-mil
PCB)
τ = 63%
25°C to 75°C
Local temperature
sensor
1.5
s
τ = 63%
25°C to75 °C
Remote temperature
sensor (MMBT3904 NPN
Transistor)
0.5
s
VFMAX
Forward diode voltage
Supported voltage applied to remote diode
1.1
V
RS
Series resistor
Supported series resistance on remote channel
1000
Ω
CDIFF
Differential filter capacitor
Supported capacitive filter connected across DP
and DN
1.5
nF
tCONV
Conversion time
Local conversion only, one-shot mode
18.2
ms
Remote (2-ch) + local conversion, one-shot mode
52
ms
tVAR
Timing variation
Conversion period and conversion time
–10
10
%
DIGITAL INPUT/OUTPUT
CIN
Input capacitance
ALERT, T_CRIT, SCL,
SDA
f = 100kHz
7
pF
VIH
Input logic high level
SCL, SDA
0.9
V
VIL
Input logic low level
SCL, SDA
0.4
V
VHYS
Input logic level hysteresis
SCL, SDA
100
mV
ILI
Input leakage current
ALERT, T_CRIT, SCL, SDA
–0.1
0.1
μA
ILO
Output leakage current
ALERT, T_CRIT, SDA
–0.1
0.1
μA
VOL
Output low level
ALERT, T_CRIT, SDA, IOL = 3mA
0.15
0.4
V
POWER SUPPLY
IDD_ACTI
VE
Active conversion current
TA = –40°C to 125°C
Serial bus inactive
Local conversion stage
100
150
μA
Remote conversion
stage
220
320
μA
IDD_AVG Average current consumption
Serial bus inactive,
continuous conversion
Conversion period = 1s,
all channels
11
μA
Conversion period =
0.125 s, all channels
75
μA
IDD_SB
Standby current(2)
Serial bus inactive
TA = 25°C
1
1.5
μA
TA = –40°C to 125°C
5.5
μA
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com