Electronic Components Datasheet Search
  English  ▼

X  

1768074 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1768074
Description  OCS BAT PANEL SET 1210-150-195 - Holder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1768074 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1768074 Datasheet HTML 1Page - PHOENIX CONTACT 1768074 Datasheet HTML 2Page - PHOENIX CONTACT 1768074 Datasheet HTML 3Page - PHOENIX CONTACT 1768074 Datasheet HTML 4Page - PHOENIX CONTACT 1768074 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Battery maintenance set, suitable for OCS and POS housings of size 1210, for easy integration
of batteries up to size 195 x 135 x 150 mm, consisting of battery fastening set and mounting
panel with base, material: galvanized steel
Your advantages
Secure attachment even in harsh environments
•
Flexible holder thanks to compatibility with standard batteries in the 72 Wh ... 720 Wh range
•
Easy mounting with just one tool (wrench size 13 mm)
•
Space-saving solution provides enough space for the installation of additional electronics
•
Commercial data
Item number
1768074
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ACFDBZ
GTIN
4067923377684
Weight per piece (including packing)
1,640 g
Weight per piece (excluding packing)
1.44 g
Country of origin
CN
OCS BAT PANEL SET 1210-150-195 - Holder
1768074
https://www.phoenixcontact.com/us/products/1768074
Dec 30, 2025, 12:06AM
Page 1 (5)


Similar Part No. - 1768074

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1768075 PHOENIX-1768075 Datasheet
61Kb / 4P
Cable connector - MSTBT 2,5/ 4-ST CP1,4 BD:13-24
1768076 PHOENIX-1768076 Datasheet
190Kb / 5P
OCS BAT PANEL SET 1614-180-270 - Holder
1768077 PHOENIX-1768077 Datasheet
190Kb / 5P
OCS BAT PANEL SET 1816-200-270 - Holder
1768078 PHOENIX-1768078 Datasheet
190Kb / 5P
OCS BAT PANEL SET 1412-150-195 - Holder
More results

Similar Description - 1768074

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1493 GILWAY-155-1493 Datasheet
63Kb / 1P
H250-150 HALOGEN LAMP HOLDER
logo
P-tec Corporation
PL320-1R12-2 P-TEC-PL320-1R12-2 Datasheet
30Kb / 1P
3mm LED Panel Mount Metal Holder
logo
Richco, Inc.
LEDCR-104 RICHCO-LEDCR-104 Datasheet
50Kb / 1P
LED HOLDER SET (CLIP AND RING)
logo
Maxim Integrated Produc...
DS1401 MAXIM-DS1401 Datasheet
226Kb / 2P
Front-Panel iButton Holder
8/09
logo
Honeywell Accelerometer...
76053 HONEYWELL-ACC-76053 Datasheet
127Kb / 2P
Set Points from 0.5 to 150 psi
logo
P-tec Corporation
PL523-1R12-2 P-TEC-PL523-1R12-2_14 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1Y01 P-TEC-PL524-1Y01_14 Datasheet
77Kb / 1P
5mm LED Panel Mount Metal Holder
logo
Littelfuse
01550300 LITTELFUSE-01550300_18 Datasheet
613Kb / 1P
STACKABLE PANEL MOUNT FUSE HOLDER
logo
Eaton All Rights Reserv...
HKL EATON-HKL Datasheet
204Kb / 1P
Panel-mount indicating fuse holder
logo
FIBOX Enclosing innovat...
3532385 FIBOX-3532385 Datasheet
65Kb / 1P
Bus-bar holder set
31.07.2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com