Electronic Components Datasheet Search
  English  ▼

X  

1768074 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1768074
Description  OCS BAT PANEL SET 1210-150-195 - Holder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1768074 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1768074 Datasheet HTML 1Page - PHOENIX CONTACT 1768074 Datasheet HTML 2Page - PHOENIX CONTACT 1768074 Datasheet HTML 3Page - PHOENIX CONTACT 1768074 Datasheet HTML 4Page - PHOENIX CONTACT 1768074 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
Recommendation
Further information and detailed dimensions are available in the
download area.
Product properties
Housing type
Outdoor housing
Housing type
Outdoor housings
Housing series
OCS
Product family
OCS..1210..
Dimensions
Width
230 mm
Height
282 mm
Depth
157 mm
140 mm x 40 mm x 80 mm (Minimum battery size)
Dimensions
195 mm x 135 mm x 150 mm (Maximum battery size)
Material specifications
Color
silver-colored
Material Holder
Steel, galvanized
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 Hz ... 58.1 Hz)
Acceleration
2g (58.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Shocks
Specification
IEC 60068-2-27:2008-02
Pulse shape
Half-sine
Acceleration
5g
Shock duration
11 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 80 °C
Mounting
OCS BAT PANEL SET 1210-150-195 - Holder
1768074
https://www.phoenixcontact.com/us/products/1768074
Dec 30, 2025, 12:06AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com