Electronic Components Datasheet Search
  English  ▼

X  

200096 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 200096
Description  Crimp Terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

200096 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  200096 Datasheet HTML 1Page - Molex Electronics Ltd. 200096 Datasheet HTML 2Page - Molex Electronics Ltd. 200096 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
-
IEC-62474
chemSHERPA (xml)
EU RoHS Certificate of Compliance
Part Details
General
Electrical
Physical
Status
Active
Category
Crimp Terminals
Series
200096
Description
TAK50 Receptacle Terminal,
Unsealed, L-Grip, D-Wind, Left Reel
Payoff
Application
Automotive, Signal, Wire-to-Board
Comments
Stainless Steel Hood/Sleeve
Product Name
TAK50
UPC
195842251663
Current - Maximum per Contact
6.0A
Voltage - Maximum
14V DC
Durability (mating cycles max)
10
Gender
Female
Grip Code
L
Material - Metal
Copper Alloy, Stainless Steel
Material - Plating Mating
Tin
Net Weight
0.060/g
Packaging Type
Reel
Termination Interface Style
Crimp or Compression
Wire Insulation Diameter
1.20-1.30mm
Wire Size (AWG)
N/A
Wire Size mm²
0.35



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com