Electronic Components Datasheet Search
  English  ▼

X  

200096 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 200096
Description  Crimp Terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

200096 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  200096 Datasheet HTML 1Page - Molex Electronics Ltd. 200096 Datasheet HTML 2Page - Molex Electronics Ltd. 200096 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Use with Part(s)
Application Tooling
Global
This document was generated on Mar 06, 2025
Description
Part Number
stAK50h Hybrid Receptacles
160014
ConnTAK50 Dual Row Tang
Receptacles
205825
ConnTAK50 Dual Row Tang
Receptacles with CPA
205826
ConnTAK50 Single Row Tang
Receptacles
205827
Description
Part Number
Extraction Tool for stAK50h
Connector System
2002220100
Hand Crimp Tool for TAK50
Receptacle Crimp Terminals, Large
Grip, 0.35mm² Wire
2133092100
FA2 Mechanical Feed Crimp
Applicator for TAK50 Unsealed
Receptacle Terminal, Large Grip
638080500
FA2 Pneumatic Feed Crimp
Applicator for TAK50 Large Grip
Terminals
638080510



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com