Electronic Components Datasheet Search
  English  ▼

X  

ADP1740 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1740
Description  2 A, Low Dropout, CMOS Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1740 Datasheet(HTML) 6 Page - Analog Devices

  ADP1740 Datasheet HTML 1Page - Analog Devices ADP1740 Datasheet HTML 2Page - Analog Devices ADP1740 Datasheet HTML 3Page - Analog Devices ADP1740 Datasheet HTML 4Page - Analog Devices ADP1740 Datasheet HTML 5Page - Analog Devices ADP1740 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ADP1740/ADP1741
Preliminary Technical Data
Rev. PrA | Page 6 of 6
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
IN
2
IN
3
IN
4
EN
11 OUT
12 OUT
10 OUT
9SENSE
TOP VIEW
(Not to Scale)
ADP1740
Figure 3. ADP1740 Pin Configuration
PIN 1
INDICATOR
NC = NO CONNECT
1
IN
2
IN
3
IN
4
EN
11 OUT
12 OUT
10 OUT
9ADJ
TOP VIEW
(Not to Scale)
ADP1741
Figure 4. ADP1741 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
ADP1740
ADP1741
Mnemonic
Description
1, 2, 3, 15, 16
1, 2, 3, 15, 16
IN
Regulator Input Supply. Bypass IN to GND with a 4.7 μF or greater capacitor. Note
that all five pins must be connected to source
4
4
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the
regulator. For automatic startup, connect EN to IN.
5
5
PG
Power Good. This open-drain output requires an external pull-up resistor to IN. If
part is in shutdown, current limit, thermal shutdown, or falls below 90% of the
nominal output voltage, PG immediately transitions low.
6
6
GND
Ground.
7
7
SS
Soft Start. A capacitor connected to this pin determines the soft start time.
8
8
NC
Not connected. No internal connection
9
N/A
SENSE
Sense. Measures the actual output voltage at the load and feeds it to the error
amplifier. Connect SENSE as close as possible to the load to minimize the effect of IR
drop between the regulator output and the load.
N/A
9
ADJ
Adjust. A resistor divider from OUT to ADJ sets the output voltage.
10, 11, 12, 13, 14
10, 11, 12, 13, 14
OUT
Regulated Output Voltage. Bypass OUT to GND with a 4.7 μF or greater capacitor.
Note that all five pins must be connected to load
EP
EP
Exposed pad on the bottom of the LFCSP package. EP enhances thermal
performance and is electrically connected to GND inside the package. It is
recommended to connect EP to the ground plane on the board.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR07081-0-11/07(PrA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com