Electronic Components Datasheet Search
  English  ▼

X  

ADP1740 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1740
Description  2 A, Low Dropout, CMOS Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1740 Datasheet(HTML) 1 Page - Analog Devices

  ADP1740 Datasheet HTML 1Page - Analog Devices ADP1740 Datasheet HTML 2Page - Analog Devices ADP1740 Datasheet HTML 3Page - Analog Devices ADP1740 Datasheet HTML 4Page - Analog Devices ADP1740 Datasheet HTML 5Page - Analog Devices ADP1740 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2 A, Low Dropout, CMOS Linear Regulator
Preliminary Technical Data
ADP1740/ADP1741
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum output current: 2 A
Input voltage range: 1.6 V to 3.6 V
Low shutdown current: <1 μA
Low dropout voltage: 200 mV @ 2 A load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±2.5%
7 fixed output voltage options with soft start (ADP1740):
0.75 V to 2.5 V
Adjustable output voltage options with soft start (ADP1741):
0.75 V to 3.0 V
Stable with small 4.7 μF ceramic output capacitor
Excellent load/line transient response
Current limit and thermal overload protection
Power Good indicator
Logic-controlled enable
APPLICATIONS
Notebook computers
Memory components
Telecommunications equipment
Network equipment
DSP/FPGA/microprocessor supplies
Instrumentation equipment/data acquisition systems
TYPICAL APPLICATION CIRCUITS
PIN 1
INDICATOR
1
2
3
4
IN
IN
100kΩ
4.7µF
4.7µF
VIN = 1.8V
VOUT = 1.5V
IN
EN
12
11
10
9
OUT
OUT
OUT
SENSE
5
6
7
8
PG GND SS
NC
NC = NO CONNECT
16
15
14
13
IN
IN
OUT OUT
TOP VIEW
(Not to Scale)
ADP1740
10nF
Figure 1. ADP1740 with Fixed Output Voltage, 1.5 V
PIN 1
INDICATOR
1
2
3
4
IN
IN
R1
R2
4.7µF
VIN = 1.8V
VOUT = 0.5V(1 + R1/R2)
IN
EN
12
11
10
9
OUT
OUT
OUT
ADJ
5
6
7
8
PG GND SS
NC
NC = NO CONNECT
16
15
14
13
IN
IN
OUT OUT
TOP VIEW
(Not to Scale)
ADP1741
10nF
4.7µF
100kΩ
Figure 2. ADP1741 with Adjustable Output Voltage, 0.75 V to 3.0 V
GENERAL DESCRIPTION
The ADP1740/ADP1741 are CMOS, low dropout linear regula-
tors that operate from 1.6 V to 3.6 V and provide up to 2 A of
output current. Using an advanced proprietary architecture,
they provide high power supply rejection and achieve excellent
line and load transient response with a small 4.7 μF ceramic
output capacitor.
The ADP1740 is available in seven fixed output voltage options.
The ADP1741 is an adjustable output voltage version, which
allows output voltages that range from 0.75 V to 3.0 V via
an external divider. The ADP1740/ADP1741 allow an external
soft start capacitor to be connected to program the start-up.
The ADP1740/ADP1741 are available in a 16-lead, 4 mm ×
4 mm LFCSP, making them very compact solutions while
providing excellent thermal performance for applications
requiring up to 2 A of output current in a small, low profile
footprint.


Similar Part No. - ADP1740

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
883Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1740 AD-ADP1740 Datasheet
1,007Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1740 AD-ADP1740 Datasheet
935Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1740 AD-ADP1740 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1740 AD-ADP1740 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results

Similar Description - ADP1740

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
logo
Analog Devices
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
1-A Low Dropout CMOS Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com