Electronic Components Datasheet Search
  English  ▼

X  

SSM2603 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 7Page - Analog Devices SSM2603 Datasheet HTML 8Page - Analog Devices SSM2603 Datasheet HTML 9Page - Analog Devices SSM2603 Datasheet HTML 10Page - Analog Devices SSM2603 Datasheet HTML 11Page - Analog Devices SSM2603 Datasheet HTML 12Page - Analog Devices SSM2603 Datasheet HTML 13Page - Analog Devices SSM2603 Datasheet HTML 14Page - Analog Devices SSM2603 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SSM2603
Rev. 0 | Page 11 of 32
THEORY OF OPERATION
DIGITAL CORE
Inside the SSM2603 digital core is one central clock source,
called the master clock (MCLK), that produces a reference clock
for all internal audio data processing and synchronization.
When using an external clock source to drive the MCLK pin,
great care should be taken to select a clock source with less than
50 ps of jitter. Without careful generation of the MCLK signal,
the digital audio quality will most likely suffer.
To enable the SSM2603 to generate the central reference clock in a
system, connect a crystal oscillator between the MCLK/XTI input
pin and the XTO output pin.
To allow an external device to generate the central reference
clock, apply the external clock signal directly through the
MCLK/XTI input pin. In this configuration, the oscillator
circuit of the SSM2603 can be powered down by using the OSC
bit (Register R6, Bit D5) to reduce power consumption.
To accommodate applications with very high frequency master
clocks, the internal core reference clock of the SSM2603 can be
set to either MCLK or MCLK divided by 2. This is enabled by
adjusting the setting of the CLKDIV2 bit (Register R8, Bit D6).
Complementary to this feature, the CLKOUT pin can also drive
external clock sources with either the core clock signal or core
clock divided by 2 by enabling the CLKODIV2 bit (Register R8,
Bit D7).
ADC AND DAC
The SSM2603 contains a pair of oversampling Σ-Δ ADCs. The
maximum ADC full-scale input level is 1.0 V rms when AVDD
= 3.3 V. If the input signal to the ADC exceeds this level, data
overloading occurs and causes audible distortion.
The ADC can accept analog audio input from either the stereo
line inputs or the monaural microphone input. Note that the
ADC can only accept input from a single source, so the user
must choose either the line inputs or the microphone input as
the source using the INSEL bit (Register R4, Bit D2). The digital
data from the ADC output, once converted, is processed using
the ADC filters.
Complementary to the ADC channels, the SSM2603 contains a
pair of oversampling Σ-Δ DACs that convert the digital audio
data from the internal DAC filters into an analog audio signal.
The DAC output can also be muted by setting the DACMU bit
(Register R5, Bit D3) in the control register.
ADC HIGH-PASS AND DAC DE-EMPHASIS FILTERS
The ADC and DAC employ separate digital filters that perform
24-bit signal processing. The digital filters are used for both record
and playback modes and are optimized for each individual
sampling rate used.
For recording mode operations, the unprocessed data from the
ADC enters the ADC filters and is converted to the appropriate
sampling frequency, and then is output to the digital audio
interface.
For playback mode operations, the DAC filters convert the
digital audio interface data to oversampled data, using a sampling
rate selected by the user. The oversampled data is processed by
the DAC and then is sent to the analog output mixer by
enabling the DACSEL (Register R4, Bit D4).
Users have the option of setting up the device so that any dc
offset in the input source signal is automatically detected and
removed. To accomplish this, enable the digital high-pass filter
(see Table 2 for characteristics) contained in the ADC digital
filters by using the ADCHPF bit (Register R5, Bit D0).
In addition, users can implement digital de-emphasis by using
the DEEMPH bits (Register R5, Bit D1 and Bit D2).
HARDWARE MUTE PIN
The MUTE pin is a hardware mute pin that puts the DAC
output of the SSM2603 codec into a silent state. When MUTE is
activated and the codec enters a mute state, the playback output
voltage settles to VMID. The enabling of MUTE is shown in
Figure 17.
PLAYBACK
OUTPUT
WAVEFORM
MUTE
102,400/MCLK
Figure 17. Enabling of MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com