Electronic Components Datasheet Search
  English  ▼

X  

SSM2603 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 20Page - Analog Devices SSM2603 Datasheet HTML 21Page - Analog Devices SSM2603 Datasheet HTML 22Page - Analog Devices SSM2603 Datasheet HTML 23Page - Analog Devices SSM2603 Datasheet HTML 24Page - Analog Devices SSM2603 Datasheet HTML 25Page - Analog Devices SSM2603 Datasheet HTML 26Page - Analog Devices SSM2603 Datasheet HTML 27Page - Analog Devices SSM2603 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
SSM2603
Rev. 0 | Page 24 of 32
POWER MANAGEMENT, ADDRESS 0x06
Table 23. Power Management Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
PWROFF
CLKOUT
OSC
OUT
DAC
ADC
MIC
LINEIN
Table 24. Description of Power Management Register Bits
Bit Name
Description
Settings
PWROFF
Whole chip power-down control
0 = power up
1 = power down (default)
CLKOUT
Clock output power-down control
0 = power up (default)
1 = power down
OSC
Crystal power-down control
0 = power up (default)
1 = power down
OUT
Output power-down control
0 = power up
1 = power down (default)
DAC
DAC power-down control
0 = power up
1 = power down (default)
ADC
ADC power-down control
0 = power up
1 = power down (default)
MIC
Microphone input power-down control
0 = power up
1 = power down (default)
LINEIN
Line input power-down control
0 = power up
1 = power down (default)
Power Consumption
Table 25.
Mode
PWROFF
CLKOUT
OSC
OUT
DAC
ADC
MIC
LINEIN
AVDD
(3.3 V)
HPVDD
(3.3 V)
DCVDD
(3.3 V)
DBVDD
(3.3 V)
Unit
Record and Playback
0
0
0
0
0
0
0
0
10.7
2.2
3.6
3.1
mA
Playback Only
Oscillator Enabled
0
0
0
0
0
1
1
1
5.2
2.2
1.7
1.8
mA
External Clock
0
1
1
0
0
1
1
1
5.1
2.2
1.7
1.7
mA
Record Only
Line Clock
0
0
0
1
1
0
1
0
4.7
N/A
2.0
1.9
mA
Line Oscillator
0
0
1
1
1
0
1
0
4.7
N/A
2.0
1.8
mA
Microphone 1
0
0
0
1
1
0
0
1
4.8
N/A
2.0
1.9
mA
Microphone 2
0
0
1
1
1
0
0
1
4.8
N/A
2.0
1.8
mA
Sidetone
(Microphone-to-
Headphone
Output)
External Clock
0
0
1
0
1
1
0
1
2.0
2.2
0.2
1.7
mA
Internally
Generated Clock
0
0
1
0
1
1
0
1
2.0
2.2
0.2
1.7
mA
Analog Bypass
(Line Input or
Line Output)
External Line
0
0
1
0
1
1
1
0
2.0
2.2
0.2
1.7
mA
Internally
Generated Line
0
0
1
0
1
1
1
0
2.0
2.2
0.2
1.7
mA
Power-Down
External Clock
1
1
1
1
1
1
1
1
0.001
<0.001
0.03
0.03
mA
Oscillator
1
1
1
1
1
1
1
1
0.001
<0.001
0.03
0.03
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com