Electronic Components Datasheet Search
  English  ▼

X  

FSQ0170RNA Datasheet(PDF) 13 Page - ON Semiconductor

Part # FSQ0170RNA
Description  Green Mode Fairchild Power Switch (FPS™)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSQ0170RNA Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FSQ0170RNA Datasheet HTML 9Page - ON Semiconductor FSQ0170RNA Datasheet HTML 10Page - ON Semiconductor FSQ0170RNA Datasheet HTML 11Page - ON Semiconductor FSQ0170RNA Datasheet HTML 12Page - ON Semiconductor FSQ0170RNA Datasheet HTML 13Page - ON Semiconductor FSQ0170RNA Datasheet HTML 14Page - ON Semiconductor FSQ0170RNA Datasheet HTML 15Page - ON Semiconductor FSQ0170RNA Datasheet HTML 16Page - ON Semiconductor FSQ0170RNA Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0170RNA, FSQ0270RNA Rev. 1.0.5
12
Typical Application Circuit
Features
 High efficiency (> 78% at 115 VAC and 230 VAC input)
 Low standby mode power consumption (< 0.8W at 230 VAC input and 0.5W load)
 Enhanced system reliability through various protection functions
 Internal soft-start (10ms)
 Line UVLO function can be achieved using external component
Key Design Notes
 The delay time for overload protection is designed to be about 30ms with C8 of 47nF. If faster/slower triggering of
OLP is required, C8 can be changed to a smaller/larger value (e.g. 100nF for about 60ms).
 ZP1, DL1, RL1, RL2, RL3, RL4, RL5, RL7, QL1, QL2, and CL9 build a Line Under-Voltage Lockout block (UVLO).
The Zener voltage of ZP1 determines the input voltage that makes FPS turn on. RL5 and DL1 provide a reference
voltage from VCC. If the input voltage divided by RL1, RL2, and RL4 is lower than the Zener voltage of DL1, QL1 and
QL2 turn on and pull down VFB to ground.
 An evaluation board and corresponding test report can be provided.
1. Schematic
Figure 21. Demo Circuit
Application
Output power
Input Voltage
Output Voltage (Max. Current)
PC Auxiliary Power Supply
(Using FSQ0270RNA)
15W
Universal input
(85-265 VAC)
5V (3A)
C9
1000
F
16V
C5
470
F
10V
R13
open
J1
FB
J4
0
QL2
KSP2222A
DL1
1N5233B
RL3
1k
RL5
30k
RL1 1M
RL2
1M
ZD1
1N4745
RL4
120k
DS1
1N4007
R10
2
R11
1.2k
1%
7
J2
0
ZR1
80
9,
RL7
40k
RS1
9
QL1
KSP2907A
R12
open
CS1
1.5nF
CL9
10
F
50V
J3
open
C8
47nF
C1
2.2nF
AC250V
R14
30
C2
22
F
400V
C3
22
F
400V
C4
1000
F
16V
1 2 3 4
8 7 6 5
U3
FSQ0270RNA
1
2
3
CON1
Input
D2
1N4007
D3
1N4007
D4
1N4007
D5
1N4007
R6
2.4 1W
L1
330
H
L3
0
R2
4.7k
R8
open
1
6,
3
10
4
5
T1
EE2229
D1
SB540
1
2
U1A
FOD817A
C10
1nF
250V
L2
1
H
2
3
1
U2
TL431A
R5
1.25k
1%
R4
100
R3
560
R9
10k
C6
47nF
1
2
CON2
Output
D6
1N4007
C7
47
F
25V
3
4
U1B
FOD817A
ZDS1
P6KE180A
ZP1
1N4762
ZD2
open
FSQ0x70RNA Rev. 1.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com