Electronic Components Datasheet Search
  English  ▼

X  

FSQ0170RNA Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSQ0170RNA
Description  Green Mode Fairchild Power Switch (FPS™)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSQ0170RNA Datasheet(HTML) 2 Page - ON Semiconductor

  FSQ0170RNA Datasheet HTML 1Page - ON Semiconductor FSQ0170RNA Datasheet HTML 2Page - ON Semiconductor FSQ0170RNA Datasheet HTML 3Page - ON Semiconductor FSQ0170RNA Datasheet HTML 4Page - ON Semiconductor FSQ0170RNA Datasheet HTML 5Page - ON Semiconductor FSQ0170RNA Datasheet HTML 6Page - ON Semiconductor FSQ0170RNA Datasheet HTML 7Page - ON Semiconductor FSQ0170RNA Datasheet HTML 8Page - ON Semiconductor FSQ0170RNA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
October 2011
FSQ0170RNA, FSQ0270RNA Rev. 1.0.5
FPSTM is a trademark of Fairchild Semiconductor Corporation.
FSQ0170RNA, FSQ0270RNA
Green Mode Fairchild Power Switch (FPS™)
Features
 Internal Avalanche Rugged 700V SenseFET
 Consumes only 0.8W at 230 VAC & 0.5W Load with
Burst-Mode Operation
 Precision Fixed Operating Frequency, 100kHz
 Internal Start-up Circuit and Built-in Soft-Start
 Pulse-by-Pulse Current Limiting and Auto-Restart
Mode
 Over-Voltage Protection (OVP), Overload Protection
(OLP), Internal Thermal Shutdown Function (TSD)
 Under-Voltage Lockout (UVLO)
 Low Operating Current (3mA)
 Adjustable Peak Current Limit
Applications
 Auxiliary Power Supply for PC and Server
 SMPS for VCR, SVR, STB, DVD & DVCD Player,
Printer, Facsimile & Scanner
 Adapter for Camcorder
Related Application Notes
 AN-4134: Design Guidelines for Off-line Forward
Converters Using Fairchild Power Switch (FPS™)
 AN-4137: Design Guidelines for Off-line Flyback
Converters Using Fairchild Power Switch (FPS™)
 AN-4141: Troubleshooting and Design Tips for
Fairchild Power Switch (FPS™) Flyback Applications
 AN-4147: Design Guidelines for RCD Snubber of
Flyback
 AN-4148: Audible Noise Reduction Techniques for
FPS™ Applications
Description
The FSQ0170RNA, and FSQ0270RNA, consists of an
integrated current mode Pulse Width Modulator (PWM)
and an avalanche-rugged 700V Sense FET. It is
specifically
designed
for
high-performance
off-line
Switch Mode Power Supplies (SMPS) with minimal
external components. The integrated PWM controller
features include: a fixed-frequency generating oscillator,
Under-Voltage Lockout (UVLO) protection, Leading
Edge Blanking (LEB), an optimized gate turn-on / turn-off
driver,
Thermal
Shutdown
(TSD)
protection,
and
temperature compensated precision current sources for
loop compensation and fault protection circuitry.
Compared to a discrete MOSFET and controller or RCC
switching converter solution, the FSQ0170RNA, and
FSQ0270RNA reduces total component count, design
size, and weight while increasing efficiency, productivity,
and system reliability. These devices provide a basic
platform that is well suited for the design of cost-effective
flyback converters, as in PC auxiliary power supplies.
Ordering Information
8-DIP
Product Number
Package
Marking Code
BVDSS
fOSC
RDS(ON) (MAX.)
FSQ0170RNA
8DIP
Q0170RA
700V
100kHz
11
FSQ0270RNA
8DIP
Q0270RA
700V
100kHz
7.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com