Electronic Components Datasheet Search
  English  ▼

X  

RF3166D Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF3166D
Description  DUAL-BAND GSM900/DCS POWER AMP MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166D Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF3166D Datasheet HTML 6Page - RF Micro Devices RF3166D Datasheet HTML 7Page - RF Micro Devices RF3166D Datasheet HTML 8Page - RF Micro Devices RF3166D Datasheet HTML 9Page - RF Micro Devices RF3166D Datasheet HTML 10Page - RF Micro Devices RF3166D Datasheet HTML 11Page - RF Micro Devices RF3166D Datasheet HTML 12Page - RF Micro Devices RF3166D Datasheet HTML 13Page - RF Micro Devices RF3166D Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
RF3166D
Rev A2 061006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and tested
for optimized assembly at RFMD; however, it may require some modifications to address company specific assembly pro-
cesses. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating routing
strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size on a
0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested that the
quantity of vias be increased by a 4:1 ratio to achieve similar results.
Dimensions in mm.
Metal Land Pattern
A = 0.40 Sq. Typ.
B = 0.80 x 0.40 Typ.
C = 0.40 x 0.80
5.20
4.10
2.50
3.30
1.80
1.40
0.80
0.00
0.60
0.20
4.90
5.40
5.60
Pin 1
C
A
A
B
A
A
A
B
Solder Mask Pattern
A = 0.55 x 0.95
B = 0.55 Sq. Typ.
C = 0.95 x 0.55 Typ.
D = 1.80 x 4.62
E = 0.60 Sq. Typ.
Pin 1
D
A
B
B
C
B
B
B
C
B
B
B
B
B
B
B
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
5.40
4.62
3.85
3.07
2.7
62.30
1.52
0.75
0.00
0.80
1.60
2.50
3.30
4.10
5.20
TYP
Figure 1. PCB Metal Land and Solder Mask Patterns (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com