Electronic Components Datasheet Search
  English  ▼

X  

RF3166D Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3166D
Description  DUAL-BAND GSM900/DCS POWER AMP MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166D Datasheet(HTML) 4 Page - RF Micro Devices

  RF3166D Datasheet HTML 1Page - RF Micro Devices RF3166D Datasheet HTML 2Page - RF Micro Devices RF3166D Datasheet HTML 3Page - RF Micro Devices RF3166D Datasheet HTML 4Page - RF Micro Devices RF3166D Datasheet HTML 5Page - RF Micro Devices RF3166D Datasheet HTML 6Page - RF Micro Devices RF3166D Datasheet HTML 7Page - RF Micro Devices RF3166D Datasheet HTML 8Page - RF Micro Devices RF3166D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF3166D
Rev A2 061006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (DCS Mode)
Temp=25°C, VBATT=3.5V,
V
RAMP=2.1 V, PIN =3dBm,
Freq=1710MHz to 1785MHz,
25% Duty Cycle, pulse width=1154
μs
Operating Frequency Range
1710 to 1785
MHz
Maximum Output Power 1
31.5
dBm
Temp=+25°C, VBATT=3.5V, VRAMP=2.1V
Total Efficiency
44
%
At POUT MAX, VBATT=3.5V
Input Power Range
0
+3
+5
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-85
-80
dBm
RBW=100kHz, 1805MHz to 1880MHz, POUT
< 31.5dBm
Forward Isolation 1
-40
-30
dBm
TXEnable=Low, PIN=+5dBm
Forward Isolation 2
-25
-10
dBm
TXEnable=High, VRAMP=0.26V,
PIN=+5dBm
Second Harmonic
-15
-7
dBm
VRAMP=0.26V to VRAMP_RP
Third Harmonic
-30
-15
dBm
VRAMP=0.26V to VRAMP_RP
All Other
Non-Harmonic Spurious
-36
dBm
VRAMP=0.26V to 2.1V
Input Impedance
50
Ω
Input VSWR
2.5:1
Output Load VSWR Stability
8:1
Spurious<-36dBm, RBW=3MHz
Set VRAMP where POUT<31.5dBm into 50Ω
load
Output Load VSWR Ruggedness
10:1
Set VRAMP where POUT<31.5dBm into 50Ω
load. No damage or permanent degradation to
part.
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pad
Power Control VRAMP
Power Control Range
45
50
dB
V
RAMP =0.26V to 2.1V
Transient Spectrum
-35
dBm
VRAMP=VRAMP_RP
Transient Spectrum Under
Extreme Conditions
-23
dBm
Temp=-20°C to +85°C, V
BATT> 3.0 V.
Ramping shape same as for Condition:
Temp=25°C, VBATT=3.5V, VRAMP=VRAMP_RP
Notes:
VRAMP_RP=VRAMP set for 31.5dBm at nominal conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com