Electronic Components Datasheet Search
  English  ▼

X  

66612 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # 66612
Description  60V N-Channel AlphaSGT TM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

66612 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  66612 Datasheet HTML 1Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 2Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 3Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 4Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 5Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AONS66612
Symbol
Min
Typ
Max
Units
BVDSS
60
V
VDS=60V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
2.3
2.85
3.5
V
1.4
1.65
TJ=125°C
2.25
2.7
2.0
2.5
mΩ
gFS
100
S
VSD
0.67
1
V
IS
120
A
Ciss
5300
pF
Coss
1500
pF
Crss
50
pF
Rg
0.4
0.9
1.4
Ω
Qg(10V)
78
110
nC
Qgs
20
nC
Qgd
20
nC
Qoss
Output Charge
VGS=0V, VDS=30V
92
nC
tD(on)
18
ns
tr
10
ns
tD(off)
40
ns
tf
13
ns
trr
30
ns
Qrr
135
nC
APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO MAKE
CHANGES TO PRODUCT SPECIFICATIONS WITHOUT NOTICE. IT IS THE RESPONSIBILITY OF THE CUSTOMER TO EVALUATE SUITABILITY
OF THE PRODUCT FOR THEIR INTENDED APPLICATION. CUSTOMER SHALL COMPLY WITH APPLICABLE LEGAL REQUIREMENTS,
INCLUDING ALL APPLICABLE EXPORT CONTROL RULES, REGULATIONS AND LIMITATIONS.
AOS' products are provided subject to AOS' terms and conditions of sale which are set forth at:
http://www.aosmd.com/terms_and_conditions_of_sale
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A, di/dt=500A/ms
Turn-Off DelayTime
Turn-Off Fall Time
VGS=10V, VDS=30V, RL=1.5W,
RGEN=3W
IF=20A, di/dt=500A/ms
Turn-On Rise Time
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
m
Ω
Gate-Body leakage current
RDS(ON)
IS=1A, VGS=0V
VDS=VGS, ID=250mA
VGS=6V, ID=20A
Forward Transconductance
VDS=5V, ID=20A
Static Drain-Source On-Resistance
Turn-On DelayTime
Maximum Body-Diode Continuous Current
Input Capacitance
Diode Forward Voltage
DYNAMIC PARAMETERS
Reverse Transfer Capacitance
VGS=0V, VDS=30V, f=1MHz
Output Capacitance
Gate resistance
VGS=10V, VDS=30V, ID=20A
Total Gate Charge
f=1MHz
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
μA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
ID=250mA, VGS=0V
VDS=0V, VGS=±20V
VGS=10V, ID=20A
A. The value of RqJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with T A =25°C. The Power
dissipation P
DSM is based on R
qJA t≤ 10s and the maximum allowed junction temperature of 150 °C. The value in any given application depends on
the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature T
J(MAX)=150°C.
D. The RqJA is the sum of the thermal impedance from junction to case RqJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
ms pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev.2.1: April 2023
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com