Electronic Components Datasheet Search
  English  ▼

X  

66612 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # 66612
Description  60V N-Channel AlphaSGT TM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

66612 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  66612 Datasheet HTML 1Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 2Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 3Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 4Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 5Page - Alpha & Omega Semiconductors 66612 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AONS66612
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note G)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
qJA.RqJA
T
on
T
P
DM
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0
50
100
150
200
250
0
25
50
75
100
125
150
T
CASE (°C)
Figure 12: Power De-rating (Note F)
0
40
80
120
160
200
240
280
0
25
50
75
100
125
150
T
CASE (°C)
Figure 13: Current De-rating (Note F)
1
10
100
1000
10000
1E-05
0.001
0.1
10
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating
Junction-to-Ambient (Note G)
T
A=25°C
RqJA=50°C/W
0
1
2
3
4
0
20
40
60
V
DS (Volts)
Figure 14: Coss stored Energy
Rev.2.1: April 2023
www.aosmd.com
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com