Electronic Components Datasheet Search
  English  ▼

X  

RS6513 Datasheet(PDF) 1 Page - Orister Corporation

Part # RS6513
Description  PWM Control 2A Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6513 Datasheet(HTML) 1 Page - Orister Corporation

  RS6513 Datasheet HTML 1Page - Orister Corporation RS6513 Datasheet HTML 2Page - Orister Corporation RS6513 Datasheet HTML 3Page - Orister Corporation RS6513 Datasheet HTML 4Page - Orister Corporation RS6513 Datasheet HTML 5Page - Orister Corporation RS6513 Datasheet HTML 6Page - Orister Corporation RS6513 Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page No. : 1/7
DS-RS6513-03
Oct, 2007
www.Orister.com
RS6513
PWM Control 2A Step-Down Converter
RS6513 provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit
is able to vary the duty ratio linearly from 0 up to 100%. This converter also contains an error amplifier circuit as
well as a soft-start circuit that prevents overshoot at startup. An enable function, an over current protect function
and a short circuit protect function are built inside, and when OCP or SCP happens, the operation frequency will be
reduced from 350KHz to 30KHz. Also, an internal compensation block is built in to minimum external component
count.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode connected externally, these
ICs can function as step-down switching regulators. They serve as ideal power supply units for portable devices
when coupled with the SOP–8L mini-package, providing such outstanding features as low current consumption.
Since this converter can accommodate an input voltage up to 18V, it is also suitable for the operation via an AC
adapter.
.
Pin Configurations
Pin 1: Feedback pin.
Pin 5: Switch Pin. Connect external
inductor/diode here. Minimize trace area at
this pin to reduce EMI
Pin 2: Power-off pin
H: Normal operation
(Step-down operation)
L: Step-down operation stopped
(All circuits deactivated)
Pin 6: Switch Pin. Connect external
inductor/diode here. Minimize trace area at
this pin to reduce EMI
Pin 3: Add an external resistor to set max
output current
Pin 7: GND Pin
Pin 4: IC power supply pin
Pin 8: GND Pin
Applications
• PC Motherboard
• LCD Monitor
• Graphic Card
• DVD-Video Player
• Telecom Equipment
• ADSL Modem
• Printer and other Peripheral Equipment
• Microprocessor core supply
• Networking power supply
Features
• Input voltage: 3.6V to 18V.
• Output voltage: 0.8V to VCC.
• Duty ratio: 0% to 100% PWM control
• Oscillation frequency: 350KHz typ.
• Soft-start, Current limit, Enable function
• Thermal Shutdown function
• Built-in internal SW P-channel MOS
• SOP-8L Pb-Free Package.


Similar Part No. - RS6513

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS6513 PTC-RS6513 Datasheet
209Kb / 4P
2A, Asynchronous PWM Control DC/DC Step-Down Regulator
RS6513-SG PTC-RS6513-SG Datasheet
209Kb / 4P
2A, Asynchronous PWM Control DC/DC Step-Down Regulator
RS6513-SP PTC-RS6513-SP Datasheet
209Kb / 4P
2A, Asynchronous PWM Control DC/DC Step-Down Regulator
More results

Similar Description - RS6513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com