Electronic Components Datasheet Search
  English  ▼

X  

RS6513 Datasheet(PDF) 3 Page - Orister Corporation

Part # RS6513
Description  PWM Control 2A Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6513 Datasheet(HTML) 3 Page - Orister Corporation

  RS6513 Datasheet HTML 1Page - Orister Corporation RS6513 Datasheet HTML 2Page - Orister Corporation RS6513 Datasheet HTML 3Page - Orister Corporation RS6513 Datasheet HTML 4Page - Orister Corporation RS6513 Datasheet HTML 5Page - Orister Corporation RS6513 Datasheet HTML 6Page - Orister Corporation RS6513 Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page No. : 3/7
DS-RS6513-03
Oct, 2007
www.Orister.com
Typical Application Circuit
Note: VOUT = VFB x (1+RA/RB)
RB=0.7K~5K ohm
VIN=12V, IMAX = 2A
VOUT
2.5V
3.3V
5V
L1 Value
22uH
27uH
33uH
Typical Performance Characteristics
RS6513 Line Regulation
(Vout=3.3V, Iout=0.2A)
3.050
3.100
3.150
3.200
3.250
3.300
3.350
3.400
3.450
3.5 4568
10 12 14 16 18
Vin(V)
RS6513 Load Regulation (Vin=12V)
3.352
3.354
3.356
3.358
3.360
3.362
3.364
0.1A
0.5A
1A
1.5A
2A
Iout(A)
RS6513



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com