Electronic Components Datasheet Search
  English  ▼

X  

RF2317 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2317
Description  LINEAR CATV AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2317 Datasheet HTML 4Page - RF Micro Devices RF2317 Datasheet HTML 5Page - RF Micro Devices RF2317 Datasheet HTML 6Page - RF Micro Devices RF2317 Datasheet HTML 7Page - RF Micro Devices RF2317 Datasheet HTML 8Page - RF Micro Devices RF2317 Datasheet HTML 9Page - RF Micro Devices RF2317 Datasheet HTML 10Page - RF Micro Devices RF2317 Datasheet HTML 11Page - RF Micro Devices RF2317 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RF2317
Rev A19 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Device Voltage versus Current
75 Ω
5.0
6.0
7.0
8.0
9.0
10.0
0.0
25.0
50.0
75.0
100.0
125.0
150.0
175.0
200.0
Current (mA)
CSO (L) versus Channel Frequency Across Temperature
(133 Channels, ICC = 150 mA)
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
55.25
155.25 255.25 355.25 455.25 555.25 655.25 755.25 855.25
Channel Frequency (MHz)
-40°C
+25°C
+85°C
CSO (U) versus Channel Frequency Across Temperature
(133 Channels, ICC = 150 mA)
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
55.3
155.3
255.3
355.3
455.3
555.3
655.3
755.3
855.3
Channel Frequency (MHz)
-40°C
+25°C
+85°C
CTB versus Channel Frequency Across Temperature
(133 Channels, ICC = 150 mA)
81.00
82.00
83.00
84.00
85.00
86.00
87.00
88.00
89.00
55.25
155.25
255.25 355.25
455.25
555.25
655.25 755.25
855.25
Channel Frequency (MHz)
-40°C
+25°C
+85°C
Noise Figure versus Frequency Over Temperature
75 Ω, ICC = 180 mA
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
800.0
900.0 1000.0
Frequency (MHz)
-40°C
+25°C
+85°C
Gain versus Frequency
75Ω, ICC=180mA
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
800.0
900.0 1000.0
Frequency (MHz)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com