Electronic Components Datasheet Search
  English  ▼

X  

RF2317 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2317
Description  LINEAR CATV AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2317 Datasheet HTML 1Page - RF Micro Devices RF2317 Datasheet HTML 2Page - RF Micro Devices RF2317 Datasheet HTML 3Page - RF Micro Devices RF2317 Datasheet HTML 4Page - RF Micro Devices RF2317 Datasheet HTML 5Page - RF Micro Devices RF2317 Datasheet HTML 6Page - RF Micro Devices RF2317 Datasheet HTML 7Page - RF Micro Devices RF2317 Datasheet HTML 8Page - RF Micro Devices RF2317 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF2317
Rev A19 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
133 Channels
10dBmV per channel, flat, at the input of the
amplifier; ICC=180mA, VCC=11.4V
XMOD
<-75
dBc
At 55.25MHz
<-75
dBc
At 331.25MHz
<-75
dBc
At 547.25MHz
<-75
dBc
At 853.25MHz
CTB
-89
dBc
At 55.25MHz
-86
dBc
At 331.25MHz
-86
dBc
At 547.25MHz
-84
dBc
At 853.25MHz
CSO+1.25MHz
-89
dBc
At 55.25MHz
-74
dBc
At 331.25MHz
-69
dBc
At 853.25MHz
-62
dBc
At 547.25MHz
CSO-1.25MHz
-63
dBc
At 55.25MHz
-65
dBc
At 331.25MHz
-71
dBc
At 547.25MHz
-91
dBc
At 853.25MHz
Power Supply (75
Ω)
Device Voltage
8.3
V
On pin 13, ICC=150mA
8.9
V
On pin 13, ICC=180mA
Operating Current Range
100
180
200
mA
Actual current determined by VCC and RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com