Electronic Components Datasheet Search
  English  ▼

X  

RF2314 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2314
Description  GENERAL PURPOSE LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2314 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2314 Datasheet HTML 1Page - RF Micro Devices RF2314 Datasheet HTML 2Page - RF Micro Devices RF2314 Datasheet HTML 3Page - RF Micro Devices RF2314 Datasheet HTML 4Page - RF Micro Devices RF2314 Datasheet HTML 5Page - RF Micro Devices RF2314 Datasheet HTML 6Page - RF Micro Devices RF2314 Datasheet HTML 7Page - RF Micro Devices RF2314 Datasheet HTML 8Page - RF Micro Devices RF2314 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF2314
Rev A7 DS070730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
5.0V Performance
Gain
19.1
dB
Freq=150MHz, VCC=5V, Temp=27oC
Gain
12
14.2
16
dB
Freq=900MHz, VCC=5V, Temp=27oC
Noise Figure
1.5
dB
OIP3
+14
+18
dBm
OP1dB
+3
+8
+11
dBm
Input Return Loss
13
dB
Output Return Loss
28
dB
Isolation
20
dB
Gain
6
8.2
10
dB
Freq=1900MHz, VCC=5V, Temp=27oC
OIP3
+18
+22
dBm
OP1dB
+5
+6.7
+9
dBm
Gain
3.5
5.1
7
dB
Freq=2400MHz, VCC=5V, Temp=27oC
OIP3
+19
+23
dB
OP1dB
+6
+7.9
+10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com