Electronic Components Datasheet Search
  English  ▼

X  

RF2304 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2304
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2304 Datasheet HTML 1Page - RF Micro Devices RF2304 Datasheet HTML 2Page - RF Micro Devices RF2304 Datasheet HTML 3Page - RF Micro Devices RF2304 Datasheet HTML 4Page - RF Micro Devices RF2304 Datasheet HTML 5Page - RF Micro Devices RF2304 Datasheet HTML 6Page - RF Micro Devices RF2304 Datasheet HTML 7Page - RF Micro Devices RF2304 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
RF2304
Rev A7 DS060908
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
S-Parameter Conditions:
All plots are taken at ambient temperature=25°C.
NOTE:
All S11 and S22 plots shown were taken from an RF2304 evaluation board with external input and output tuning components
removed and the reference points at the RF IN and RF OUT pins.
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S11 Vcc=3V
Swp Max
6GHz
Swp Min
0.01GHz
S11 V
CC = 3V
4 GHz
3 GHz
2 GHz
1 GHz
300 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S22 Vcc=3V
Swp Max
6GHz
Swp Min
0.01GHz
S22 V
CC = 3V
4 GHz
1 GHz
100 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S11 Vcc=5V
Swp Max
6GHz
Swp Min
0.01GHz
S11 V
CC = 5V
4 GHz
3 GHz
2 GHz
1 GHz
100 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S22 Vcc=5V
Swp Max
6GHz
Swp Min
0.01GHz
S22 V
CC = 5V
4 GHz
1 GHz
100 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com