Electronic Components Datasheet Search
  English  ▼

X  

RF2304 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2304
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2304 Datasheet HTML 1Page - RF Micro Devices RF2304 Datasheet HTML 2Page - RF Micro Devices RF2304 Datasheet HTML 3Page - RF Micro Devices RF2304 Datasheet HTML 4Page - RF Micro Devices RF2304 Datasheet HTML 5Page - RF Micro Devices RF2304 Datasheet HTML 6Page - RF Micro Devices RF2304 Datasheet HTML 7Page - RF Micro Devices RF2304 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
GND
GND
GND
RF IN
GND
RF OUT
VDD
NC
2
1
4
3
7
8
5
6
RF2304
GENERAL PURPOSE LOW-NOISE AMPLIFIER
The RF2304 is a low-noise small-signal amplifier. The device is manufactured on a
low-cost Gallium Arsenide MESFET process, and has been designed for use as a
gain block in high-end communication systems operating from less than 300MHz
to above 2.5GHz. With +6dBm output power, it may also be used as a driver in
transmitter applications, or in highly linear receivers. The device is packaged in an
8-lead plastic package and is self-contained, requiring just an inductor and block-
ing capacitors to operate. The +6dBm output power, combined with the 1.8dB
noise figure at 900MHz allows excellent dynamic range for a variety of receive and
transmit applications.
Features
Single 2.7V to 6.0V Supply
6dBm Output Power
8dB Small Signal Gain at
900MHz
1.8dB Noise Figure at
900MHz
Low DC Current Consumption
of 5mA
300MHz to 2500MHz Opera-
tion
Applications
Receive or Transmit Low-
Noise Amplifiers
FDD and TDD Communication
Systems
Commercial and Consumer
Systems
Portable Battery Powered
Equipment
Wireless LAN
ISM Band Applications
RF2304
General Purpose Low-Noise Amplifier
RF2304PCBA-41X
Fully Assembled Evaluation Board
Rev A7 DS060908
RoHS Compliant & Pb-Free Product
Package Style: SOIC-8


Similar Part No. - RF2304

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304PCBA RFMD-RF2304PCBA Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304PCBA-41X RFMD-RF2304PCBA-41X Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304_06 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
More results

Similar Description - RF2304

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314 Datasheet
114Kb / 4P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2304 RFMD-RF2304_06 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_1 Datasheet
347Kb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
General Purpose Low Noise Amplifier with Bypass Switch
logo
Infineon Technologies A...
BFR340F INFINEON-BFR340F_13 Datasheet
661Kb / 11P
General purpose Low Noise Amplifier
2013-11-06
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
RF Micro Devices
RF2314 RFMD-RF2314_15 Datasheet
1Mb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com