Electronic Components Datasheet Search
  English  ▼

X  

RF2192 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2192 Datasheet HTML 1Page - RF Micro Devices RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF2192
Rev A8 DS060918
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1GND
Ground connection.
2GND
Ground connection.
3GND
Ground connection.
4RF IN
RF input. An external 100pF series capacitor is required as a DC block. In
addition, shunt inductor and series capacitor are required to provide
2:1VSWR.
5VREG1
Power Down control for first stage. Regulated voltage supply for amplifier
bias. In Power Down mode, both VREG and VMODE need to be LOW (<0.5V).
6VMODE
For nominal operation (High Power Mode), VMODE is set LOW. When set
HIGH, the driver and final stage are dynamically scaled to reduce the
device size and as a result to reduce the idle current.
7VREG2
Power Down control for the second stage. Regulated voltage supply for
amplifier bias. In Power Down mode, both VREG and VMODE need to be LOW
(<0.5V).
8BIAS GND
Bias circuitry ground. See application schematic.
9GND
Ground connection.
10
RF OUT
RF output and power supply for final stage. This is the unmatched collector
output of the second stage. A DC block is required following the matching
components. The biasing may be provided via a parallel L-C set for reso-
nance at the operating frequency of 824MHz to 849MHz. It is important to
select an inductor with very low DC resistance with a 1A current rating.
Alternatively, shunt microstrip techniques are also applicable and provide
very low DC resistance. Low frequency bypassing is required for stability.
11
RF OUT
Same as pin 10.
See pin 10.
12
RF OUT
Same as pin 10.
13
2FO
Harmonic trap. This pin connects to the RF output but is used for providing
a low impedance to the second harmonic of the operating frequency. An
inductor or transmission line resonating with an on chip capacitor at 2fo is
required at this pin.
14
VCC BIAS
Power supply for bias circuitry. A 100pF high frequency bypass capacitor is
recommended.
15
VCC1
Power supply for first stage.
16
VCC1
Same as Pin 15.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to a
top side ground pad which is connected to the ground plane with multiple
vias. The pad should have a short thermal path to the ground plane.
GND1
RF IN
VCC1
From
Bias
Stages
100 pF
RF O U T
F rom B ias
S tages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com