Electronic Components Datasheet Search
  English  ▼

X  

RF2192 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2192 Datasheet HTML 1Page - RF Micro Devices RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
16
1
13
14
15
GND
GND
RF IN
2
3
4
9
8
7
6
5
RF OUT
RF OUT
RF OUT
12
11
10
RF2192
3V 900MHz LINEAR POWER AMPLIFIER
The RF2192 is a high-power, high-efficiency linear amplifier IC targeting 3V hand-
held systems. The device is manufactured on an advanced Gallium Arsenide Het-
erojunction Bipolar Transistor (HBT) process, and has been designed for use as the
final RF amplifier in dual-mode 3V CDMA/AMPS and CDMA2000 handheld digital
cellular equipment, spread-spectrum systems, and other applications in the
800MHz to 960MHz band. The RF2192 has a low power mode to extend battery
life under low output power conditions. The device is packaged in a 16-pin,
4mmx4mm QFN.
Features
Single 3V Supply
29dBm Linear Output Power
37% Linear Efficiency
Low Power Mode
45 mA idle current
47% Peak Efficiency 31dBm Out-
put
Applications
3V CDMA/AMPS Cellular Hand-
sets
3V JCDMA Cellular Handsets
3V CDMA2000 Cellular Hand-
sets
3V TDMA/GAIT Cellular Hand-
sets
3V CDMA 450MHz Band Hand-
sets
Portable Battery-Powered Equip-
ment
RF2192
3V 900MHz Linear Power Amplifier
RF2192PCBA-41X
Fully Assembled Evaluation Board
Rev A8 DS060918
RF21923V
900MHz Lin-
ear Power
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-Pin, 4 x 4


Similar Part No. - RF2192

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF2192PCBA RFMD-RF2192PCBA Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
RF2192PCBA-41X RFMD-RF2192PCBA-41X Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF2192

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com