Electronic Components Datasheet Search
  English  ▼

X  

RF2174 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2174 Datasheet HTML 1Page - RF Micro Devices RF2174 Datasheet HTML 2Page - RF Micro Devices RF2174 Datasheet HTML 3Page - RF Micro Devices RF2174 Datasheet HTML 4Page - RF Micro Devices RF2174 Datasheet HTML 5Page - RF Micro Devices RF2174 Datasheet HTML 6Page - RF Micro Devices RF2174 Datasheet HTML 7Page - RF Micro Devices RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
RF OUT
RF OUT
RF OUT
AT_EN
RF IN
GND1
1
2
3
4
5
6
7
8
9
12
11
10
16
15
14
13
RF2174
3V DCS POWER AMPLIFIER
The RF2174 is a high power, high efficiency power amplifier module offer-
ing high performance in GSM or GPRS applications. The device is manu-
factured on an advanced GaAs HBT process, and has been designed for
use as the final RF amplifier in DCS1800/1900 hand-held digital cellular
equipment and other applications in the 1700MHz to 2000MHz band. On-
board power control provides over 65dB of control range with an analog
voltage input, and provides power down with a logic “low” for standby
operation. The device is self-contained with 50W input and the output can
be easily matched to obtain optimum power and efficiency characteristics.
The RF2174 can be used together with the RF2173 for dual-band opera-
tion. The device is packaged in an ultra-small plastic package, minimizing
the required board space.
Features
Single 2.7V to 4.8V Supply
Voltage
+33dBm Output Power at
3.5V
27dB Gain with Analog Gain
Control
51% Efficiency
1700MHz to 1950MHz Oper-
ation
Supports DCS1800 and
PCS1900
Applications
3V DCS1800 (PCN) Cellular
Handsets
3V DCS1900 (PCS) Cellular
Handsets
3V Dual-Band/Triple-Band
Handsets
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
GPRS Compatible
Rev A8 DS060918
RoHS Compliant and Pb-Free Product
Package: QFN, 16-Pin, 3x3
RF21743V
DCS Power
Amplifier


Similar Part No. - RF2174

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174 Datasheet
163Kb / 16P
3V DCS POWER AMPLIFIER
RF2174PCBA RFMD-RF2174PCBA Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
RF2174PCBA-41X RFMD-RF2174PCBA-41X Datasheet
163Kb / 16P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_06 Datasheet
163Kb / 16P
3V DCS POWER AMPLIFIER
More results

Similar Description - RF2174

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7M4012 TRIQUINT-TQM7M4012 Datasheet
538Kb / 12P
3V QUAD - BRAND GSM850/900 DCS/PCS POWER AMPLIFIER MODULE
logo
RF Micro Devices
RF2174 RFMD-RF2174_06 Datasheet
163Kb / 16P
3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111 Datasheet
171Kb / 14P
3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
3V DCS POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5022 TRIQUINT-TQM7M5022_15 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
RF Micro Devices
RF2174 RFMD-RF2174_15 Datasheet
817Kb / 14P
3V DCS POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com