Electronic Components Datasheet Search
  English  ▼

X  

2139 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2139
Description  PCB Headers and Receptacles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2139 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2139 Datasheet HTML 1Page - Molex Electronics Ltd. 2139 Datasheet HTML 2Page - Molex Electronics Ltd. 2139 Datasheet HTML 3Page - Molex Electronics Ltd. 2139 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-
-
-
Documents & Resources
Drawings
1718140002_sd.pdf
PK-41792-002-001.pdf
3D Models and Design Files
1718140002_stp.zip
SYM-171814-0002-001.zip
Specifications
PS-171813-0001-001.pdf
PS-171813-0002-001.pdf
TS-171813-0001-001.pdf
Product Environment Compliance
Compliance
Multiple Part Product Compliance Statements
Eu RoHS
REACH SVHC
Low-Halogen
Part Number : 1718140002
Product Description : 3.96mm Pitch, KK 396
RPC Wire-to-Board Right-Angle Header with
Friction Lock, Tin (Sn) Plating, Bag, 2 Circuits
Series Number : 171814
Status : Active
Product Category : PCB Headers and
Receptacles
GADSL/IMDS
Compliant with Exemption 33; 44
China RoHS
EU ELV
Not Relevant
Low-Halogen Status
Low-Halogen per IEC 61249-2-21
REACH SVHC
Not Contained per D(2024)6225-DC
(07 Nov 2024)
EU RoHS
Compliant per EU 2015/863


Similar Part No. - 2139

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2139 MOLEX-2139 Datasheet
806Kb / 2P
KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
logo
Belden Inc.
2139 BELDEN-2139 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Abbatron All Rights Res...
2139 ABBATRON-2139 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Multicomp Pro
2139 MULTICOMP-2139 Datasheet
113Kb / 1P
AC Power Inlet
04/02/15 V1.1
logo
Molex Electronics Ltd.
2139 MOLEX-2139 Datasheet
46Kb / 1P
KK® Interconnect System - Molex
08/18/2016
More results

Similar Description - 2139

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0230 MOLEXKITS-76650-0230 Datasheet
20Kb / 3P
Receptacles, Vertical Headers
logo
Amphenol Corporation
031-71063 AMPHENOL-031-71063 Datasheet
57Kb / 1P
TNC PCB Receptacles
logo
Tyco Electronics
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
AMPMODU Headers and Receptacles
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
PCB headers
1145402 PHOENIX-1145402 Datasheet
499Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1150791 PHOENIX-1150791 Datasheet
469Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1150824 PHOENIX-1150824 Datasheet
449Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com