Electronic Components Datasheet Search
  English  ▼

X  

2139 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 2139
Description  PCB Headers and Receptacles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2139 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  2139 Datasheet HTML 1Page - Molex Electronics Ltd. 2139 Datasheet HTML 2Page - Molex Electronics Ltd. 2139 Datasheet HTML 3Page - Molex Electronics Ltd. 2139 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Solder Process Data
Mates With / Use With
Mates with Part(s)
Flammability
94V-1
Glow-Wire Capable
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
Nylon
Net Weight
0.780/g
Number of Rows
1
Orientation
Right Angle
Packaging Type
Bag
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Pitch - Mating Interface
3.96mm
Shrouded
Partial
Stackable
No
Temperature Range - Operating
-40° to +105°C
Termination Interface Style
Through Hole
Max-Duration
30
Lead-Free Process Capability
SMC&WAVE
Max-Cycle
3
Max-Temp
260
Description
Part Number
KK 3.96mm Single Row Crimp
Housings
2139
KK 3.96mm Single Row Crimp
Housings
3069



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com