Electronic Components Datasheet Search
  English  ▼

X  

RF3809 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF3809
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3809 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF3809 Datasheet HTML 14Page - RF Micro Devices RF3809 Datasheet HTML 15Page - RF Micro Devices RF3809 Datasheet HTML 16Page - RF Micro Devices RF3809 Datasheet HTML 17Page - RF Micro Devices RF3809 Datasheet HTML 18Page - RF Micro Devices RF3809 Datasheet HTML 19Page - RF Micro Devices RF3809 Datasheet HTML 20Page - RF Micro Devices RF3809 Datasheet HTML 21Page - RF Micro Devices RF3809 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19 of 22
RF3809
Rev A4 DS080221
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF3809414 @ 1960 MHz CDMA2K
SR1 and 9 Channels
-90.0
-85.0
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Output Power (dBm)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
ACPR @ 750 KHz
Efficiency (%)
RF3809415 @ 2140 MHz W-CDMA UMTS
64 Channels and No Clipping
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
Output Power (dBm)
0.0
5.0
10.0
15.0
20.0
ACPR @ 5MHz
Efficiency (%)
RF3809412 @ 940 MHz
EDGE EVM
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33
Output Power (dBm)
EVM_rms(%)
EVM_peak(%)
RF3809413 @ 1840 MHz
EDGE EVM
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
Output Power (dBm)
EVM_rms(%)
EVM_peak(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com