Electronic Components Datasheet Search
  English  ▼

X  

RF3809 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3809
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3809 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3809 Datasheet HTML 1Page - RF Micro Devices RF3809 Datasheet HTML 2Page - RF Micro Devices RF3809 Datasheet HTML 3Page - RF Micro Devices RF3809 Datasheet HTML 4Page - RF Micro Devices RF3809 Datasheet HTML 5Page - RF Micro Devices RF3809 Datasheet HTML 6Page - RF Micro Devices RF3809 Datasheet HTML 7Page - RF Micro Devices RF3809 Datasheet HTML 8Page - RF Micro Devices RF3809 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
VREF
NC
RFIN
NC
VBIAS
NC
RFOUT/VCC
RFOUT/VCC
RF3809
GaAs HBT PRE-DRIVER AMPLIFIER
The RF3809 is a GaAs pre-driver power amplifier, specifically designed for wireless
infrastructure applications. Using a highly reliable GaAs HBT fabrication process,
this high-performance single-stage amplifier achieves high output power over a
broad frequency range. The RF3809 also provides excellent efficiency and thermal
stability through the use of a thermally-enhanced surface-mount plastic-slug pack-
age. Ease of integration is accomplished through the incorporation of an optimized
evaluation board design provided to achieve proper 50
Ω operation. Various evalua-
tion boards are available to address a broad range of wireless infrastructure appli-
cations:
NMT
450MHz;
GSM850MHz;
GSM900MHz;
DCS1800MHz;
PCS1900MHz; and, UMTS2200MHz.
Features
High Output Power of 2.0W P1dB
High Linearity
High Power-Added Efficiency
Thermally-Enhanced Packaging
Broadband Platform Design
Approach, 450MHz to 2500MHz
Applications
GaAs Pre-Driver for Basestation
Amplifiers
PA Stage for Commercial Wire-
less Infrastructure
Class AB Operation for NMT,
GSM, DCS, PCS, and UMTS
Transceiver Applications
2nd/3rd Stage LNA for Wireless
Infrastructure
RF3809
GaAs HBT Pre-Driver Amplifier
RF3809PCK-410
Fully Assembled Evaluation Board, 450MHz
RF3809PCK-411
Fully Assembled Evaluation Board, 869MHz to 894MHz
RF3809PCK-412
Fully Assembled Evaluation Board, 920MHz to 960MHz
RF3809PCK-413
Fully Assembled Evaluation Board, 1800MHz to 1880MHz
RF3809PCK-414
Fully Assembled Evaluation Board, 1930MHz to 1990MHz
RF3809PCK-415
Fully Assembled Evaluation Board, UMTS
Rev A4 DS080221
RF3809GaAs
HBT Pre-Driver
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: SOIC-8


Similar Part No. - RF3809

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809PCK-410 RFMD-RF3809PCK-410 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809PCK-411 RFMD-RF3809PCK-411 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809PCK-412 RFMD-RF3809PCK-412 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809PCK-413 RFMD-RF3809PCK-413 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3809

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com