Electronic Components Datasheet Search
  English  ▼

X  

RF3807 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3807
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3807 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3807 Datasheet HTML 3Page - RF Micro Devices RF3807 Datasheet HTML 4Page - RF Micro Devices RF3807 Datasheet HTML 5Page - RF Micro Devices RF3807 Datasheet HTML 6Page - RF Micro Devices RF3807 Datasheet HTML 7Page - RF Micro Devices RF3807 Datasheet HTML 8Page - RF Micro Devices RF3807 Datasheet HTML 9Page - RF Micro Devices RF3807 Datasheet HTML 10Page - RF Micro Devices RF3807 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7 of 20
RF3807
Rev A5 DS080220
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation and Application Information
RF3807 design accommodates use in a variety of applications:
• Linear driver from 450MHz to 2200MHz
• 2nd/3rd stage high linearity LNA, with noise figure in the 3dB to 4dB range from 800MHz to 2200MHz
• High efficiency (>50%) output stage for non-linear applications
• 13dB gain, >37dBm typical OIP3 when matched for WiMax 2.5GHz to 2.7GHz (see “Application Schematic” on page 8)
Nominal data sheet shows specification for VCC=VBIAS=VREF=8V. RF3807 can easily be configured for 5V operation, with a
simple bias resistor change at VREF.. “Bias Table” on page 5 shows resistor values for VCC=VBIAS=VREF=5V. Generally speak-
ing, 5V data will compare to that for 8V as follows:
• 3dB to 3.5dB reduction in OP1dB
• 0.4dB to 0.5dB increase in small signal gain
For operation at other than 5V, bias R can be calculated as follows (VCC=VBIAS=VREF=5V is used here to illustrate, operation at
different voltage is determined with same methodology).
1. Use nominal 8V case as a starting point: VCC=VBIAS=VREF=8V, IREF =14mA, ICQ=112mA. Target condition will be to
achieve same ICQ with VCC=VBIAS=VREF=5V.
2. Using standard evaluation board with separate lab supplies on (VCC/VBIAS) and (VREF), set VCC/VBIAS=5V, VREF=8V. IREF is
maintained at 14mA, and ICQ drops from nominal value of 112mA.
3. VREF can then be increased >8V until ICQ is restored. IREF increase to 24mA is required (as seen in “Bias Table” on page 5).
4. At this point, pin voltage at VREF is calculated (or measured with DVM): VPIN=VREF at eval board input – IREF*bias R=12.1–
0.024*340=3.94V.
5. Next, calculate new bias R for VREF=5V: Bias R=(5–3.94)/0.024=44Ω. See “Bias Table” on page 5, standard resistor
value=43
Ω is called out. In this way, bias R can be calculated for any VCC=VBIAS=VREF configuration. The maximum IREF
limit for RF3807=30mA.
Junction-to-case thermal resistance (RTH_JC) is shown versus output power in the graph section of this data sheet. The graph
was generated with nominal VCC=VBIAS=VREF=8V, IREF=14mA, where ambient temperature=85°C. Using this curve along
with operating condition, junction temperature can be calculated. Resultant TJ for this case yields MTTF>100 years. Standard
RF3807 evaluation boards are matched for high efficiency at OP1dB. To ensure reliability for operation at high power, output
match achieving equivalent or better efficiency on system board should be the goal.
Typical s-parameter responses for each evaluation board are shown within the data sheet. These boards were matched with
two specifications in mind:
• Output load impedance set for optimum OIP3/ACP (Adjacent Channel Power for commonly used modulation standards).
• Output load impedance set for high efficiency at OP1dB, with ruggedness (survival) into output 4:1 VSWR.
In some cases, low power operation being one, it may be desirable to improve output return loss seen on evaluation board.
This can be done with output match adjust. The result will be an increase in small signal gain. Tradeoffs between return loss,
gain, OIP3, and compression point can then be considered in obtaining optimum performance for a particular application.
Finally, infrastructure qualification report for RF3807 can be obtained by contacting RFMD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com