Electronic Components Datasheet Search
  English  ▼

X  

RF3807 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3807
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3807 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3807 Datasheet HTML 4Page - RF Micro Devices RF3807 Datasheet HTML 5Page - RF Micro Devices RF3807 Datasheet HTML 6Page - RF Micro Devices RF3807 Datasheet HTML 7Page - RF Micro Devices RF3807 Datasheet HTML 8Page - RF Micro Devices RF3807 Datasheet HTML 9Page - RF Micro Devices RF3807 Datasheet HTML 10Page - RF Micro Devices RF3807 Datasheet HTML 11Page - RF Micro Devices RF3807 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8 of 20
RF3807
Rev A5 DS080220
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
WiMax 2.5GHz to 2.7GHz (VCC=VBIAS=VREF=5V)
Package Drawing
C5
Open
C6
Open
L3
24 nH
C12
10 pF
C3
1.8 pF
J1
RF IN
R1
43
Ω
C26
10 pF
50
Ω⎝ strip
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
C2
3.3 pF
C4
2.2 pF
J2
RF OUT
50
Ω⎝ strip
C9
Open
C8
1.2 pF
C10
Open
C7
Open
VCC
C18
10
μF
C17
1000 pF
C19
0.1
μF
C16
10 pF
C24
100 pF
C25
0.1
μF
R2
Open
R3
Open
R4
Open
R5
Open
C13
1000 pF
C14
10
μF
C15
0.1
μF
VREF
C11
3.6 pF
C22
10
μF
C21
1000 pF
C23
0.1
μF
C20
10 pF
P1-1
VREF
P1
1
BANANA
JACK
P2-1
VCC
P2
1
BANANA
JACK
P3
1
BANANA
JACK
GND
C30
2.2 pF
C31
8.2 pF
3807405-
L
2.7 nH
Gain = 13 dB
OIP3 > 37 dBm
OP1dB > 26 dBm
EVM = 2% at 16 dBm POUT
0.066
0.056
-A-
0.004
0.002
0.126
0.088
EXPOSED
DIE FLAG
0.099
0.061
0.0192
0.0138
0.244
0.230
0.157
0.150
0.196
0.189
0.050
0.035
0.016
0.0098
0.0075
8° MAX
0° MIN
Shaded lead is pin 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com