Electronic Components Datasheet Search
  English  ▼

X  

RF2860 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2860
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2860 Datasheet HTML 7Page - RF Micro Devices RF2860 Datasheet HTML 8Page - RF Micro Devices RF2860 Datasheet HTML 9Page - RF Micro Devices RF2860 Datasheet HTML 10Page - RF Micro Devices RF2860 Datasheet HTML 11Page - RF Micro Devices RF2860 Datasheet HTML 12Page - RF Micro Devices RF2860 Datasheet HTML 13Page - RF Micro Devices RF2860 Datasheet HTML 14Page - RF Micro Devices RF2860 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11 of 20
RF2860
Rev A9 DS050902
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic - Differential IF Matching
NOTES:
1. This resistor sets the LNA current. Increasing the resistor value lowers the current.
2. This resistor sets the mixer current. Increasing the resistor value lowers the current.
3. This capacitor is used for optimum noise figure and input matching.
4. This inductor is used for optimum input match.
5. This inductor is used for optimum input match and IP3. Low impedance path to ground for optimum IP3.
6. DC-blocking capacitor. Not required with most SAW filters.
7. This inductor is used for LNA output match and as an RF choke.
8. This resistor is used to optimize performance over temperature and bias.
9. This inductor is used to optimize the LNA output match.
10.This inductor/capacitor parallel combination is used for mixer/preamp interstage matching and must be placed ~1.6mm or
closer to pin 8.
11.Ground for LNA. Place ground via as close to pin as possible for maximum gain.
12.IF output matching component values are dependent on board layout, IF SAW filter, and the IF frequency selected. Please
contact RFMD application engineering for assistance with IF output matching. See attached Single-Ended and Differential
Tuning procedure.
13.These two values are contingent on type of IF SAW filter used.
14.Depending on SAW Filter used, resistor value will be between 2
Ω to 10Ω.
Application
C1
(pf)
C2
(pf)
C3
(pF)
C4
(pF)
L1
(nH)
L2
(nH)
L3
(nH)
L4
(nH)
L5
(nH)
L6
(nH)
L7
(nH)
R1
(k
Ω)
R2
(k
Ω)
R3
(k
Ω)
US PCS,
IF=184MHz
6.2
2.5
6.2
TBD
33
72
72
TBD
15
2.7
1.2
9.1
8.2
27.0
Korean PCS,
IF=220MHz
5.1
3.0
5.1
TBD
33
50
50
TBD
15
3.3
1.5
7.5
8.2
27.0
GPS,
IF=184MHz
3.9
1.5
3.9
TBD
33
110
110
TBD
18
4.7
1.5
DNI
13.0
27.0
IMT-2000,
IF=190MHz
4.7
1.0
4.7
TBD
33
50
50
TBD
10
2.7
1.5
DNI
13.0
27.0
16
15
14
13
11
12
9
10
5
6
7
8
2
1
4
3
3 pF
R3
L5
33 nF
LNA GAIN
ENABLE
TX BUFF ENAB
C2
L2
L1
DNI
33 nF
LNA IN
2.2 nH
LO OUT
LO IN
RF VCC
3.9 nH
L6
VCC
VCC
FL4
RF Saw
4
1
6
3
GND
GND
GND
GND
L7
1 pF
30
Ω
R2
1.3 pF
R1
Note 6
Note 3
Note 4
Note 8
Note 7
Note 9
Note 14
Note 10
Note
11
Note 2
Note
1
L3
VCC
C3
C1
33 nF
33 nF
VCC
Note 12
L4
C4
FL2
IF Saw
4
59
10
Note 13
2 to 10
Ω
Note 5
IF OUT
33 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com