Electronic Components Datasheet Search
  English  ▼

X  

RF2860 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2860
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2860 Datasheet HTML 10Page - RF Micro Devices RF2860 Datasheet HTML 11Page - RF Micro Devices RF2860 Datasheet HTML 12Page - RF Micro Devices RF2860 Datasheet HTML 13Page - RF Micro Devices RF2860 Datasheet HTML 14Page - RF Micro Devices RF2860 Datasheet HTML 15Page - RF Micro Devices RF2860 Datasheet HTML 16Page - RF Micro Devices RF2860 Datasheet HTML 17Page - RF Micro Devices RF2860 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14 of 20
RF2860
Rev A9 DS050902
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
L2, L3 and C2 are chosen to resonate at the desired IF frequency. C2 can be omitted and the value of L1 increased and uti-
lized solely as a choke to provide VCC to the open-collector outputs, but it is strongly recommended that at least some small-
valued C2 (a few pF) be retained for better mixer linearity performance. R1 is normally selected to match the input impedance
of the IF filter. However, mixer performance can be modified by selecting an R value that is different from the IF filter input
impedance, and inserting a conjugate matching network between the Resistive Output Network and the IF filter.
C1 and C3 serve dual purposes. C1 and C3 serve as a series DC block when a DC path to ground is present in the IF filter. In
addition, C1 may be chosen to improve the combine performance of the mixer and IF filter. L1 should choose to resonate with
the internal capacitance of the SAW filter. Usually, SAW filter has some capacitance. Otherwise, L1 could be eliminated.
A practical approach to obtain the differential matching is to tune the mixer to the correct load point for gain, IIP3, and NF
using the single-end current combiner method. Second, use the component values found in the single-end approach as start-
ing point for the differential matching. The two-shunt capacitors in the single-end matching could be converted to a parallel
capacitor and the parallel inductor in the single-end matching needs to be converted in to a choke inductor. Third, set the DC
block capacitors (C1 and C3) in the differential-end matching to a high value (i.e., 100pF) and retune the resonate circuit (C2,
L2 and L3) and the resistor (R) for optimal performance. After optimal performance is achieved and if performance is not satis-
factory, decrease the series capacitors until optimal performance is achieved.
Single-End IF Matching
C2
R1
L2
L3
VCC
100 pF
C1
C3
IF+
IF-
L2
IF Saw
4
5
9
10
IF-
IF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com