Electronic Components Datasheet Search
  English  ▼

X  

RF2642 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2642
Description  3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2642 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2642 Datasheet HTML 1Page - RF Micro Devices RF2642 Datasheet HTML 2Page - RF Micro Devices RF2642 Datasheet HTML 3Page - RF Micro Devices RF2642 Datasheet HTML 4Page - RF Micro Devices RF2642 Datasheet HTML 5Page - RF Micro Devices RF2642 Datasheet HTML 6Page - RF Micro Devices RF2642 Datasheet HTML 7Page - RF Micro Devices RF2642 Datasheet HTML 8Page - RF Micro Devices RF2642 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF2642
Rev A8 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
12°
MAX
0.05
0.00
0.75
0.65
1.00
0.90
C
0.05
A
4.00
2.00
1.50
SQ.
4.00
2
2.00
1.60
2 PLCS
0.10 C A
2 PLCS
0.10
C AB
M
3.20
2 PLCS
0.75
0.50
3
0.45
0.28
INDEX AREA
0.10 C A
2 PLCS
3.75
3.75
0.10 C B
2 PLCS
0.10 C B
2 PLCS
-B-
0.80
TYP
Dimensions in mm.
NOTES:
1. Shaded pin is lead 1.
2. Pins 1 and 9 are fused.
1. Dimension applies to plated
terminal and is measured
between 0.10 mm and 0.25 mm
from terminal tip.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com