Electronic Components Datasheet Search
  English  ▼

X  

RF2642 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2642
Description  3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2642 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2642 Datasheet HTML 2Page - RF Micro Devices RF2642 Datasheet HTML 3Page - RF Micro Devices RF2642 Datasheet HTML 4Page - RF Micro Devices RF2642 Datasheet HTML 5Page - RF Micro Devices RF2642 Datasheet HTML 6Page - RF Micro Devices RF2642 Datasheet HTML 7Page - RF Micro Devices RF2642 Datasheet HTML 8Page - RF Micro Devices RF2642 Datasheet HTML 9Page - RF Micro Devices RF2642 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
RF2642
Rev A8 DS060925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
8
7
6
1
16
15
14
13
9
5
10
11
12
2
3
4
Logic
Control
10 nF
Gain Select
10 nF
VCC
1 nF
1 nF
1 nF
1 nF
1 nF
3.9 nH
8.2 nH
10 nF
VPA2
8.2 nH
10 nF
VPA1
PD
10 nF
1 nF
820
Ω
5.1
Ω
820
Ω
RF SAW
Filter
1 nF
2642400B
NOTE:
1. 1 nF: DC blocking capacitor - this can be removed if the filter is DC blocked.
2. T-attenuator - this is to control the overall gain of the upconverter + PA driver. This can be set to zero if it is desired.
See Note 2
PA OUT
Formed by stripline
RF GND2
Variable2
Formed by stripline
RF GND1
Variable1
See Note 1
IF+
IF-
LO IN
See Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com