Electronic Components Datasheet Search
  English  ▼

X  

RF2637 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2637
Description  RECEIVE AGC AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2637 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2637 Datasheet HTML 1Page - RF Micro Devices RF2637 Datasheet HTML 2Page - RF Micro Devices RF2637 Datasheet HTML 3Page - RF Micro Devices RF2637 Datasheet HTML 4Page - RF Micro Devices RF2637 Datasheet HTML 5Page - RF Micro Devices RF2637 Datasheet HTML 6Page - RF Micro Devices RF2637 Datasheet HTML 7Page - RF Micro Devices RF2637 Datasheet HTML 8Page - RF Micro Devices RF2637 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF2637
Rev A5 DS050829
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1IN+
CDMA balanced input pin. This pin is internally DC-biased and should be
DC-blocked if connected to a device with a DC level other than VCC
present. A DC to connection to VCC is acceptable. For single-ended input
operation, one pin is used as an input and the other CDMA input is AC-cou-
pled to ground. The balanced input impedance is 1k
Ω, while the single-
ended input impedance is 500
Ω.
2IN-
Same as pin 2, except complementary input.
See pin 1.
3GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
4GC
Analog gain adjustment for all amplifiers. Valid control ranges are from 0V
to 2.5V. Maximum gain is selected with 2.5V. Minimum gain is selected
with 0V. These voltages are only valid for a 4.7k
Ω DC source impedance.
5OUT-
Balanced output pin. This is an open-collector output, designed to operate
into a 250
Ω balanced load. The load sets the operating impedance, but an
external choke or matching inductor to VCC must also be supplied in order
to correctly bias this output. This bias inductor is typically incorporated in
the matching network between the output and next stage. Because this pin
is biased to VCC, a DC-blocking capacitor must be used if the next stage’s
input has a DC path to ground.
6OUT+
Same as pin 5, except complementary output.
See pin 5.
7VCC2
Supply voltage pin. External bypassing is required. The trace length
between the pin and the bypass capacitors should be minimized. The
ground side of the bypass capacitors should connect immediately to
ground plane.
8VCC1
Same as pin 7.
See pin 7.
700
Ω
BIAS
700
Ω
CDMA-
CDMA+
23 .5 k
Ω
15 k
Ω
12.7 k
Ω
V CC
OUT-
OUT+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com