Electronic Components Datasheet Search
  English  ▼

X  

RF2637 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2637
Description  RECEIVE AGC AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2637 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2637 Datasheet HTML 1Page - RF Micro Devices RF2637 Datasheet HTML 2Page - RF Micro Devices RF2637 Datasheet HTML 3Page - RF Micro Devices RF2637 Datasheet HTML 4Page - RF Micro Devices RF2637 Datasheet HTML 5Page - RF Micro Devices RF2637 Datasheet HTML 6Page - RF Micro Devices RF2637 Datasheet HTML 7Page - RF Micro Devices RF2637 Datasheet HTML 8Page - RF Micro Devices RF2637 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF2637
Rev A5 DS050829
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
GA IN
CONT ROL
R1 :
1 k
Ω
CD M A -
CD M A +
C
D
M
A
I
F
F
i
l
t
e
r
Z S=5 00 Ω
Z IN , EFF=5 00 Ω
Z IN =1 k Ω
Z S, EFF=3 33 Ω
M e as urem en t
R e fe re nc e P lan e
L1
L1
V CC
C2
OU T +
OU T -
V CC
R2 : 5 0 0
Ω
C1
C1
C2
M e as urem en t
R e fe re nc e P lan e
Z LO AD =5 00 Ω
Z LO AD ,EFF= 250 Ω
Z OU T=5 00 Ω
10 n F
10 nF
R 1 s e ts th e C D M A b a la n c e d in put im p e d a n c e . T h e effe c tiv e in p u t im pe da nc e is th en 50 0
Ω .
R 2 s e ts th e b a la nc ed o u tp ut im pe da nc e to 5 0 0
Ω . L 1 an d C 2 s e rv e du al pu rp os es. L 1 s e rv e s
as an outp u t bia s c h o k e , an d C 2 s e rv e s as a s e rie s D C bloc k . In ad dition , th e v a lu e s o f L 1 an d
C 2 m a y be c h os e n to fo rm an im pe da nc e m a tc h ing n e tw ork o f th e lo a d im p e d a n c e is no t 500
Ω . O th e rw is e , th e v a lu es of L1 a n d C 1 a re c h os en to fo rm a pa ra lle l-re s o na nt ta n k c irc u it a t
th e IF w h e n th e load im pe da nc e is 50 0
Ω .
GA IN
4.7 k
Ω
GAIN
CONTROL
R3
510
Ω
C8
15 pF
C9
15 pF
L3
390nH
L4
390nH
C6
10 nF
R2
4.7 k
Ω
T1
C3
15 pF
C1
10 nF
C4
15 pF
C2
10 nF
L1
390 nH
L2
390 nH
1
2
3
4
8
7
6
5
T2
C5
1 nF
50
Ω μstrip
J2
SMA
OUT
50
Ω μstrip
J1
SMA
CDMA
GC
VCC
2627400A
R1
1 k
Ω
VCC
C10
10 nF
C7
10 nF
1
2
3
P1
P1-1
P1-3
VCC
GND
GC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com