Electronic Components Datasheet Search
  English  ▼

X  

RF2498 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2498_1 Datasheet HTML 8Page - RF Micro Devices RF2498_1 Datasheet HTML 9Page - RF Micro Devices RF2498_1 Datasheet HTML 10Page - RF Micro Devices RF2498_1 Datasheet HTML 11Page - RF Micro Devices RF2498_1 Datasheet HTML 12Page - RF Micro Devices RF2498_1 Datasheet HTML 13Page - RF Micro Devices RF2498_1 Datasheet HTML 14Page - RF Micro Devices RF2498_1 Datasheet HTML 15Page - RF Micro Devices RF2498_1 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12 of 22
RF2498
Rev A3 DS030711
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
ISET Pins
ISET1 sets the internal reference voltage for the bias control circuits to all functional blocks. An external resistor of 5.1k
Ω to
ground is required. We do not recommend adjusting this resistor value. This resistor is pulled out to allow for a higher precision
off chip value and not as a significant tuning adjustment.
ISET2 sets the DC current through the LNAs in all bands when IPSET is high. Higher resistance to ground results in lower cur-
rent through the LNA. Increasing the LNA current will improve the IIP3 of the LNA and slightly increase gain in all modes. NF
typically will get worse as you increase current. Increasing the LNA current in one mode, i.e. Cellular, will also increase the LNA
current for the high IPSET state for PCS and the GPS LNAs as well.
ISET3 sets the DC current through the mixer and mixer preamplifier for all bands. Higher resistance to ground results in lower
current. Lower current will improve mixer NF but will degrade IIP3. Mixer and the mixer preamp gain is not significantly changed
with current.
Pin
Function
Type Description
Interface Schematic
28
GPS MIX IN
AI
GPS mixer RF single-end input.
29
VCC1
P
DC supply for internal reference, logic control, cellular mixer
preamp, and GPS mixer preamp (PCS mixer preamp has its’ own
DC supply, PCS_RFA_VCC). External bypass capacitor between
1nF and 47nF required.
30
ISET1
AO
Resistor for internal voltage reference setting. Recommended
value 5.1k
Ω.
31
ISET2
AO
Resistor to ground sets the LNA current in boost mode (all three
LNAs). Higher resistance results in lower current.
32
ISET3
AO
Resistor to ground sets preamp and mixer currents in all bands.
Higher resistance results in lower currents.
Pkg
Base
GND
P
Ground connection. The backside of the package should be sol-
dered to a top side ground pad which is connected to the ground
plane with multiple vias.
Legend:
DI=Digital Input from Baseband Chip
AI=Analog Input
AO=Analog Output
P=VCC or GND
GPS MIX IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com